Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASEMCC3-LR Datasheet(PDF) 3 Page - Abracon Corporation

Part # ASEMCC3-LR
Description  LOW JITTER PIN CONFIGURABLE CMOS OUTPUT ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASEMCC3-LR Datasheet(HTML) 3 Page - Abracon Corporation

  ASEMCC3-LR Datasheet HTML 1Page - Abracon Corporation ASEMCC3-LR Datasheet HTML 2Page - Abracon Corporation ASEMCC3-LR Datasheet HTML 3Page - Abracon Corporation ASEMCC3-LR Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000| fax 949-546-8001| www.abracon.com
Revised: 11.17.14
Visit
www.abracon.comfor Terms & Conditions of Sale
CERTIFIED
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
|||| | | | | | | | | | | |
ASEMCC
Pb RoHS
Compliant
LOW JITTER PIN CONFIGURABLE CMOS OUTPUT
3.2 x 2.5 x 0.85 mm
ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
Life Size
CONFIGURABLE OUTPUT STRENGTH (Tr/Tf)
Output (Tr/Tf) are configurable by the control pins OS2, OS1 and OS0. The combinations are described in the
table below.
Output Drive Strength Bits
[OS2, OS1, OS0] - Default [111]
000
001
010
011
100
101
110
111
Tr (ns)
2.1
1.7
1.6
1.4
1.3
1.3
1.2
1.1
Tf (ns)
2.5
2.4
2.4
2.2
1.8
1. 6
1.4
1. 4
MECHANICAL DIMENSIONS
Pin No.
Pin Name
Pin Type
Description
1
Enable
I
Enables outputs when high and disables (tri-state) them when low
2
NC
NA
Leave unconnected or grounded
3
NC
NA
Leave unconnected or grounded
4
GND
Power
Ground
5
FS0
I
Least significant bit for frequency selection
6
FS1
I
Most significant bit for frequency selection
7
NC
NA
Leave unconnected or grounded
8
Output1
O
CMOS output 1
9
OS0
I
Least significant bit for output drive strength selection
10
OS1
I
Middle bit for output drive strength selection
11
NC
NA
Leave unconnected or grounded
12
VDD2
Power
Power Supply
13
VDD
Power
Power Supply
14
OS2
I
Most significant bit for output drive strength selection
Dimensions: mm (inches)
Recommended Land Pattern



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com