Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASEMCLP-LR-T3 Datasheet(PDF) 2 Page - Abracon Corporation

Part # ASEMCLP-LR-T3
Description  LOW JITTER PIN CONFIGURABLE LVPECL OUTPUT ULTRA MINIATURE PURE SILICON??SMD CLOCK OSCILLATORSILLATORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASEMCLP-LR-T3 Datasheet(HTML) 2 Page - Abracon Corporation

  ASEMCLP-LR-T3 Datasheet HTML 1Page - Abracon Corporation ASEMCLP-LR-T3 Datasheet HTML 2Page - Abracon Corporation ASEMCLP-LR-T3 Datasheet HTML 3Page - Abracon Corporation ASEMCLP-LR-T3 Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
APPLICATIONS:
ABSOLUTE MAXIMUM RATINGS:
(left blank if standard)
OPTIONS AND PART IDENTIFICATION:
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000| fax 949-546-8001| www.abracon.com
Revised: 11.17.14
Visit
www.abracon.comfor Terms & Conditions of Sale
CERTIFIED
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
|||| | | | | | | | | | | |
ASEMCLP
Pb RoHS
Compliant
LOW JITTER PIN CONFIGURABLE LVPECL OUTPUT ULTRA
MINIATURE PURE SILICON™ SMD CLOCK OSCILLATORSILLATORS
3.2 x 2.5 x 0.85 mm
.
ASEMCLP
Key Electrical Specifications (continued)
Parameters
Minimum
Typical
Maximum
Units
Notes
Period Jitter RMS (JPER)
-----
2.5
-----
ps
F0= 156.25MHz
Integrated Phase Jitter (JPH)
-----
0.25
2
ps
200kHz ~ 20MHz,
156.25MHz
-----
0.38
2
100kHz ~ 20MHz,
156.25MHz
-----
1.70
2
12kHz ~ 20MHz,
156.25MHz
Item
Minimum
Maximum
Unit
Condition
Supply Voltage
-0.3
+4.0
V
Input Voltage
-0.3
Vdd+0.3
V
Junction Temp.
-----
+150
°C
Storage Temp.
-55
+150
°C
Soldering Temp.
-----
+260
°C
40sec max
ESD
HBM
MM
CDM
4,000
400
1,500
V
ASEMCLP - - -
Ordering Info
Freq
(MHz)
Freq Select Bits [FS1, FS0] – Default is [11]
00
01
10
11
Frequency
Configuration 1
fOUT
125
212.5
106.25
156.25
Custom
Configuration
fOUT
Contact Abracon for customized configurations
Default condition: Frequency select bits [FS1, FS0] are all left floated. FS1, FS0 are pulled high [11]
Frequency combination and default frequency is customized upon request. Please contact Abracon for the frequency
combinations.
Operating Temp.
Blank: -20°C ~ +70°C
L: -40°C ~ +85°C
Overall Freq. Stability
Blank: ±50ppm
R: ±25 ppm
Y: ±10ppm
Frequency
Combination
(See table below)
1: Cfg. 1
Custom configuration
available. Please contact
Abracon
Packaging
Blank: 110pcs / Tube
T: 1,000pcs / reel
T3: 3,000pcs / reel
T5: 5,000pcs / reel



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com