Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRB16 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MBRB16
Description  Schottky Rectifier, 16 A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBRB16 Datasheet(HTML) 1 Page - Vishay Siliconix

  MBRB16 Datasheet HTML 1Page - Vishay Siliconix MBRB16 Datasheet HTML 2Page - Vishay Siliconix MBRB16 Datasheet HTML 3Page - Vishay Siliconix MBRB16 Datasheet HTML 4Page - Vishay Siliconix MBRB16 Datasheet HTML 5Page - Vishay Siliconix MBRB16 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Document Number: 93977
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 22-Aug-08
1
Schottky Rectifier, 16 A
MBRB16..
Vishay High Power Products
FEATURES
• 150 °C TJ operation
• High frequency operation
• Low forward voltage drop
• High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
• Guard ring for enhanced ruggedness and long term
reliability
• Designed and qualified for Q101 level
DESCRIPTION
This MBRB16.. Schottky rectifier has been optimized for low
reverse leakage at high temperature. The proprietary barrier
technology allows for reliable operation up to 150 °C
junction temperature. Typical applications are in switching
power supplies, converters, freewheeling diodes, and
reverse battery protection.
PRODUCT SUMMARY
IF(AV)
16 A
VR
35/45 V
IRM
40 mA at 125 °C
D2PAK
Anode
1
3
Base
cathode
2
N/C
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Rectangular waveform
16
A
VRRM
35/45
V
IFSM
tp = 5 µs sine
1800
A
VF
16 Apk, TJ = 125 °C
0.57
V
TJ
- 65 to 150
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
MBRB1635
MBRB1645
UNITS
Maximum DC reverse voltage
VR
35
45
V
Maximum working peak reverse voltage
VRWM
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
IF(AV)
TC = 134 °C, rated VR
16
A
Non-repetitive peak surge current
IFSM
5 µs sine or 3 µs rect. pulse
Following any rated
load condition and with
rated VRRM applied
1800
Surge applied at rated load condition halfwave single
phase 60 Hz
150
Non-repetitive avalanche energy
EAS
TJ = 25 °C, IAS = 3.6 A, L = 3.7 mH
24
mJ
Repetitive avalanche current
IAR
Current decaying linearly to zero in 1 µs
Frequency limited by TJ maximum VA = 1.5 x VR typical
3.6
A


Similar Part No. - MBRB16

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
MBRB16100CT SUNMATE-MBRB16100CT Datasheet
1Mb / 2P
SCHOTTKY BARRIER RECTIFIERS
MBRB16150CT SUNMATE-MBRB16150CT Datasheet
1Mb / 2P
SCHOTTKY BARRIER RECTIFIERS
MBRB16200CT SUNMATE-MBRB16200CT Datasheet
1Mb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Micro Commercial Compon...
MBRB1620CT MCC-MBRB1620CT Datasheet
594Kb / 3P
16 Amp Schottky Barrier Rectifier 20 to 60 Volts
MBRB1620CT MCC-MBRB1620CT Datasheet
592Kb / 3P
16 Amp Schottky Barrier Rectifier 20 to 60 Volts
More results

Similar Description - MBRB16

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBR1645 VISHAY-MBR1645 Datasheet
107Kb / 6P
Schottky Rectifier, 16 A
22-Aug-08
MBR1645PBF VISHAY-MBR1645PBF Datasheet
108Kb / 6P
Schottky Rectifier, 16 A
14-Aug-08
MBRB1635 VISHAY-MBRB1635 Datasheet
105Kb / 6P
Schottky Rectifier, 16 A
22-Aug-08
MBRB1635PBF VISHAY-MBRB1635PBF Datasheet
106Kb / 6P
Schottky Rectifier, 16 A
15-Aug-08
MBRB1635PBF VISHAY-MBRB1635PBF_10 Datasheet
143Kb / 7P
Schottky Rectifier, 16 A
23-Jun-10
MBR1635PBF VISHAY-MBR1635PBF_12 Datasheet
153Kb / 7P
Schottky Rectifier, 16 A
29-Aug-11
logo
Nell Semiconductor Co.,...
MBR1645 NELLSEMI-MBR1645 Datasheet
248Kb / 5P
Schottky Rectifier, 16 A
logo
Vishay Siliconix
MBR16 VISHAY-MBR16 Datasheet
90Kb / 6P
Schottky Rectifier, 16 A
22-Aug-08
VS-MBR16PBF VISHAY-VS-MBR16PBF_V01 Datasheet
123Kb / 7P
High Performance Schottky Rectifier, 16 A
29-Aug-11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com