Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3010S Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # SC3010S
Description  INFRARED REMOTE CONTROL TRANSMITTER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SC3010S Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button SC3010S Datasheet HTML 2Page - List of Unclassifed Manufacturers SC3010S Datasheet HTML 3Page - List of Unclassifed Manufacturers SC3010S Datasheet HTML 4Page - List of Unclassifed Manufacturers SC3010S Datasheet HTML 5Page - List of Unclassifed Manufacturers SC3010S Datasheet HTML 6Page - List of Unclassifed Manufacturers SC3010S Datasheet HTML 7Page - List of Unclassifed Manufacturers SC3010S Datasheet HTML 8Page - List of Unclassifed Manufacturers SC3010S Datasheet HTML 9Page - List of Unclassifed Manufacturers SC3010S Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Silan
Semiconductors
SC3010
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 2.1
2002-02-28
6
b). Single System Mode (SMS=High)
In the Single System Mode, the KI-Sense Inputs are also pulled High by the p-channel pull-up transistors, as in the
Combined System Mode. The C-Sense Inputs, however, are disabled by switching off their pull-high transistors. A
system code is provided by a wired connection between the C-KO Matrix. The debounce cycle can ONLY be started
by any legal key operation in the KI-KO Matrix. Once the key contact has been established for 18-bit time without
any interruption, the Oscillator-Enable Signal is latched and the key may be released. Any interruption during the 18-
bit time period resets the internal action.
At the end of the debounce cycle, the pull-up transistors in the KI-Lines are then switched off and the pull-up
transistors in the C-lines are turned ON for the first scan cycle. The wired connection in the C-matrix matrix is then
translated into a system number and stored in the system latch. At the end of the first scan cycle, 1) the C-Input pull-
up transistors are switched off and the inputs are again disabled, 2) KI-Sense Input pull-up transistors are turned on.
The command number is generated by the second scan cycle. This command number is then latched and
transmitted together with the system number.
5.KEY RELEASE DETECTION
An additional control bit is complemented after key release. This additional control bit tells the decoder that the
next code is a new command. This feature is important in cases where more digits are needed to be inputted (i.e.
Teletext channel numbers or Viewdata pages). The extra control bit will only be complemented after the completion
of at least one code transmission. The scan cycles are repeated before every code transmission; thus, even with the
Take Over of key operation during the code transmission, the correct system and command numbers are generated.
6.RESETTING THE DEVICE
The device will immediately reset under the following conditions:
1). A key is released during the debounce time
2). A key is released between two codes
3). During Matrix Scanning
a). A key is released while one of the drivers outputs is in the low ohmic state (Logic 0)
b). A key is released before that key has been detected.
c). There is no wired connection in the C-KO Matrix when SMS is in High State.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com