Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1045 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SC1045
Description  VOLTAGE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SC1045 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SC1045 Datasheet HTML 1Page - List of Unclassifed Manufacturers SC1045 Datasheet HTML 2Page - List of Unclassifed Manufacturers SC1045 Datasheet HTML 3Page - List of Unclassifed Manufacturers SC1045 Datasheet HTML 4Page - List of Unclassifed Manufacturers SC1045 Datasheet HTML 5Page - List of Unclassifed Manufacturers SC1045 Datasheet HTML 6Page - List of Unclassifed Manufacturers SC1045 Datasheet HTML 7Page - List of Unclassifed Manufacturers SC1045 Datasheet HTML 8Page - List of Unclassifed Manufacturers SC1045 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Silan
Semiconductors
SC10XX SERIES
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2000.12.31
2
SELECTION GUIDE
Part No.
Pin Assignment
Output Voltage
Tolerance
SC1015
SC1016
BType
AType
l.5V
±2.4%. ±5%
SC1030
SC1031
BType
AType
3.0V
±2.4%. ±5%
SC1033
SC1034
BType
AType
3.3V
±2.4%. ±5%
SC1036
SC1037
BType
AType
3.6V
±2.4%. ±5%
SC1038
SC1039
BType
AType
3.8V
±2.4%. ±5%
SC1044
SC1045
BType
AType
4.4V
±2.4%. ±5%
SC1050
SC1051
BType
AType
5.0V
±2.4%. ±5%
SC1070
SC1071
BType
AType
7.0V
±2.4%. ±5%
Note: For semi-custom parts, selectable regulated voltage range is from 2.4V to 9V in 0.1V increment.
ABSOLUTE MAXIMUM RATINGS
Characteristic
Symbol
Value
Unit
Supply Voltage
VDC
0.3~15
V
Power Consumption
PD
250
m/W
Operating Temperature
TOPR
0~70
°C
Storage Temperature
Tstg
-50~125
°C
Note: These are stress ratings only. Stresses exceeding the range specified under “Absolute Maximum Ratings” may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device
reliability.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com