Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMSD2004S Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # CMSD2004S
Description  Surface mount switching diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

CMSD2004S Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  CMSD2004S Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited CMSD2004S Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited CMSD2004S Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Production specification
Surface mount switching diode
CMSD2004S
C046
www.gmicroelec.com
Rev.B
2
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Characteristic
Symbol
Min
MAX
UNIT
Test Condition
Reverse Breakdown Voltage
V(BR)R
240
V
IR= 100μA
Forward Voltage
VF
1
V
IF=100mA
Reverse Leakage Current
IR
0.1
mA
VR=240V
Diode Capacitance
CD
5
pF
VR=0V,f=1MHz
Reverse Recovery Time
trr
50
ns
IF=IR=30mA
RL=100Ω
TYPICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com