Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI9130CG Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI9130CG
Description  Pin-Programmable Dual Controller-Portable PCs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9130CG Datasheet(HTML) 2 Page - Vishay Siliconix

  SI9130CG Datasheet HTML 1Page - Vishay Siliconix SI9130CG Datasheet HTML 2Page - Vishay Siliconix SI9130CG Datasheet HTML 3Page - Vishay Siliconix SI9130CG Datasheet HTML 4Page - Vishay Siliconix SI9130CG Datasheet HTML 5Page - Vishay Siliconix SI9130CG Datasheet HTML 6Page - Vishay Siliconix SI9130CG Datasheet HTML 7Page - Vishay Siliconix SI9130CG Datasheet HTML 8Page - Vishay Siliconix SI9130CG Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Si9130
Vishay Siliconix
www.vishay.com
2
Document Number: 70190
S-40805—Rev. F, 26-Apr-04
ABSOLUTE MAXIMUM RATINGS
V+ to GND
-0.3 V t0 36 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
PGND to GND
"2 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VL to GND
-0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
BST3, BST5 to GND
-0.3 V to 36 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
LX3 to BST3
-7 V to 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
LX5 to BST5
-7 V to 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Inputs/Outputs to GND
(3.45ADJ, 3.6ADJ, SHDN, ON5, REF, SS5, CS5. FB5, SYNC, CS3, FB3, SS3,
ON3)) -0.3 V, (VL + 0.3 V)
DL3, DL5 to PGND
-0.3 V, (VL + 0.3 V)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DH3 to LX3
-0.3 V (BST3 + 0.3 )
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DH5 to LX5
-0.3 V (BST5 + 0.3 )
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
REF, VL Short to GND
Momentary
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
REF Current
20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VL Current
50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous Power Dissipation (TA = 70_C)a
28-Pin SSOPb
762 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range:
Si9130CG
0 to 70_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Si9130LG
−10_ to 90_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
.
Lead Temperature (soldering, 10 sec)
300_C
. . . . . . . . . . . . . . . . . . . . . . . . . .
Notes
a.
Device mounted with all leads soldered or welded to PC board.
b.
Derate 9.52 mW/_C above 70_C.
Exposure to Absolute Maximum rating conditions for extended periods may affect device reliability. Stresses beyond those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied.
SPECIFICATIONS
Specific Test Conditions
LIMITS
PARAMETER
V+ = 15 V, IVL = IREF = 0 mA, SHDN = ON3 = ON5 = 5 V
Other Digital Input Levels 0 V or 5 V, TA = TMIN to TMAX
MINA
TYPB
MAXA
UNIT
3.3-V and 5-V Step-Down Controllers
Input Supply Range
5.5
30
FB5 Output Voltage
0 mV < (CS5-FB5) < 70 mV, 6 V < V + < 30 V
(includes load and line regulation)
4.80
5.08
5.20
0 mV < (CS3-FB3) <
70 V
3.6ADJ = 3.45ADJ = OPEN
3.17
3.35
3.46
V
FB3 Output Voltage
0 mV (CS3 FB3)
70 mV
6 V < V + < 30 V
3.6ADJ = OPEN
3.45ADJ = GND
3.32
3.50
3.60
V
3
pg
6 V < V + < 30 V
(includes load and
line regulation)
3.6ADJ = GND
3.45ADJ = OPEN
3.46
3.65
3.75
Load Regulation
Either Controller (CS_ to FB_ = 0 to 70 mV)
2.5
%
Line Regulation
Either Controller (V+ = 6 V to 30 V)
0.03
%/V
Current-Limit Voltage
CS3-FB3 or CS5-FB5
80
100
120
mV
SS3/SS5 Source Current
2.5
4.0
6.5
mA
SS3/SS5 Fault Sink Current
2
mA
Internal Regulator and Reference
VL Output Voltage
ON5 = ON3 = 0 V, 5.5 V < V+ < 30 V
0 mA < IL < 25 mA
4.5
5.5
VL Fault Lockout Voltage
Falling Edge, Hysteresis = 1%
3.6
4.2
V
VL/FB5 Switchover Voltage
Rising Edge of FB5, Hysteresis = 1%
4.2
4.7
V
REF Output Voltage
No External Loadc
3.24
3.36
REF Fault Lockout Voltage
Falling Edge
2.4
3.2
REF Load Regulation
0 mA < IL < 5 mAd
30
75
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com