Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFC02MM2STF Datasheet(PDF) 4 Page - Rohm

Part # RFC02MM2STF
Description  Super Fast Recovery Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RFC02MM2STF Datasheet(HTML) 4 Page - Rohm

  RFC02MM2STF Datasheet HTML 1Page - Rohm RFC02MM2STF Datasheet HTML 2Page - Rohm RFC02MM2STF Datasheet HTML 3Page - Rohm RFC02MM2STF Datasheet HTML 4Page - Rohm RFC02MM2STF Datasheet HTML 5Page - Rohm RFC02MM2STF Datasheet HTML 6Page - Rohm RFC02MM2STF Datasheet HTML 7Page - Rohm RFC02MM2STF Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
Data Sheet
RFC02MM2STF
l
Electrical Characteristic Curves
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
D = 0.1
D = 0.2
half sin wave
D = 0.5
D.C.
T
j = 150°C
AVERAGE RECTIFIED
FORWARD CURRENT : I
o(A)
I
o-Pf CHARACTERISTICS
4/4
2016.07 - Rev.A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com