Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMP9317S Datasheet(PDF) 3 Page - Summit Microelectronics, Inc.

Part # SMP9317S
Description  Nonvolatile DACPOT??Electronic Potentiometer With Up/Down Counter Interface
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMP9317S Datasheet(HTML) 3 Page - Summit Microelectronics, Inc.

  SMP9317S Datasheet HTML 1Page - Summit Microelectronics, Inc. SMP9317S Datasheet HTML 2Page - Summit Microelectronics, Inc. SMP9317S Datasheet HTML 3Page - Summit Microelectronics, Inc. SMP9317S Datasheet HTML 4Page - Summit Microelectronics, Inc. SMP9317S Datasheet HTML 5Page - Summit Microelectronics, Inc. SMP9317S Datasheet HTML 6Page - Summit Microelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SMP9317
3
2031-04 12/4/98
ABSOLUTE MAXIMUM RATINGS*
Temperature Under Bias
-55
°C to +125°C
Storage Temperature
-65
°C to +150°C
Voltage on pins with reference to GND:
Analog Inputs
-0.5V to VDD+.5V
Digital Inputs
-0.5V to VDD+.5V
Analog Outputs
-0.5V to VDD+.5V
Digital Outputs
-0.5V to VDD+.5V
Lead Solder Temperature (10 secs)
300
°C
*COMMENT
Stresses above those listed under Absolute Maxi-
mum Ratings may cause permanent damage to
the device. These are stress ratings only, and
functional operation of the device at these or any
other conditions outside those listed in the opera-
tion sections of this specification is not implied.
Exposure to any absolute maximum rating for
extended periods may affect device performance
and reliability.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
Accuracy
INL
Integral Non-Linearity
ILOAD = 50
µA,
TR = C
-
0.6
±1
LSB
TR = I
-
0.6
±1
LSB
ILOAD = 100
µA,
TR =C
-
1.2
-
LSB
TR = I
-
1.2
-
LSB
DNL
Differential Non-Linearity
ILOAD = 50
µA,
TR = C
-
0.25
±0.5
LSB
TR = I
-
0.25
±0.5
LSB
ILOAD = 100
µA,
TR = C
-
0.5
-
LSB
TR = I
-
0.5
-
LSB
References VH
VrefH Input Voltage
2.5
-
VDD
V
VL
VrefL Input Voltage
VH
≥ VL
Gnd
-
VDD-2.5
V
RIN
VrefH to VrefL Resistance
-
38K
-
Ω
TCRIN
Temperature Coefficient
VrefH to VrefL
-
700
-
ppm/
°C
of RIN
Analog
GEFS
Full-Scale Gain Error
DATA = 7F
-
-
±1
LSB
Output
VOUTZS
Zero-Scale Output Voltage DATA = 00
0
20
mV
TCVOUT
VOUT Temperature
VDD = +5, ILOAD = 50
µA,
Coefficient, note 3
VrefH = +5V, VrefL = 0V
-
-
200
µV/°C
IL
Amplifier Output Load Current
100
µA
ROUT
Amplifier Output Resistance IL = 100
µA
+5V
-
10
Ω
+3V
-
20
Ω
PSRR
Power Supply Rejection
ILOAD = 10
µA
-
-
1
LSB/V
eN
Amplifier Output Noise
f = 1KHz, VDD = +5V
-
90
-
nV/
HZ
THD
Total Harmonic Distortion
VIN = 1V rms, f = 1KHz
-
0.08
-
%
BW
Bandwidth - 3dB
VIN = 100mV rms
-
1,000
-
kHz
DAC DC ELECTRICAL CHARACTERISTICS
VDD = +2.7V to +5.5V, VrefH = VDD, VrefL = 0V, TA = -40
°C to +85°C, unless specified otherwise
2031 PGM T3.2
Condition
Min
Max
Temperature
-40
°C
+85
°C
VDD
+2.7V
+5.5V
RECOMMENDED OPERATING CONDITIONS
2031 PGM T1.0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com