Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-12CTQ035PbF Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VS-12CTQ035PbF
Description  High Performance Schottky Rectifier, 2 x 6 A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-12CTQ035PbF Datasheet(HTML) 4 Page - Vishay Siliconix

  VS-12CTQ035PbF Datasheet HTML 1Page - Vishay Siliconix VS-12CTQ035PbF Datasheet HTML 2Page - Vishay Siliconix VS-12CTQ035PbF Datasheet HTML 3Page - Vishay Siliconix VS-12CTQ035PbF Datasheet HTML 4Page - Vishay Siliconix VS-12CTQ035PbF Datasheet HTML 5Page - Vishay Siliconix VS-12CTQ035PbF Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
VS-12CTQ...PbF Series, VS-12CTQ...-N3 Series
www.vishay.com
Vishay Semiconductors
Revision: 21-Oct-15
4
Document Number: 94130
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 5 - Maximum Allowable Case Temperature vs. Average
Forward Current (Per Leg)
Fig. 6 - Forward Power Loss Characteristics (Per Leg)
Fig. 7 - Maximum Non-Repetitive Surge Current (Per Leg)
Fig. 8 - Unclamped Inductive Test Circuit
Note
(1) Formula used: TC = TJ - (Pd + PdREV) x RthJC;
Pd = Forward power loss = IF(AV) x VFM at (IF(AV)/D) (see fig. 6);
PdREV = Inverse power loss = VR1 x IR (1 - D); IR at VR1 = 80 % rated VR
IF(AV) - Average Forward Current (A)
0
8
10
4
150
155
160
165
170
175
See note (1)
Square wave (D = 0.50)
80 % rated V
R applied
DC
2
6
0
IF(AV) - Average Forward Current (A)
0
46
10
D = 0.20
D = 0.25
D = 0.33
D = 0.50
D = 0.75
RMS limit
DC
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
2
8
tp - Square Wave Pulse Duration (µs)
100
1000
10
100
1000
10 000
At any rated load condition
and with rated V
applied
following surge
RRM
Current
monitor
High-speed
switch
D.U.T.
R
g = 25 Ω
+
Freewheel
diode
V
d = 25 V
L
IRFP460
40HFL40S02



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com