Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSD1828 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # SSD1828
Description  LCD Segment / Common Driver with Controller CMOS
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1828 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button SSD1828 Datasheet HTML 14Page - List of Unclassifed Manufacturers SSD1828 Datasheet HTML 15Page - List of Unclassifed Manufacturers SSD1828 Datasheet HTML 16Page - List of Unclassifed Manufacturers SSD1828 Datasheet HTML 17Page - List of Unclassifed Manufacturers SSD1828 Datasheet HTML 18Page - List of Unclassifed Manufacturers SSD1828 Datasheet HTML 19Page - List of Unclassifed Manufacturers SSD1828 Datasheet HTML 20Page - List of Unclassifed Manufacturers SSD1828 Datasheet HTML 21Page - List of Unclassifed Manufacturers SSD1828 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 43 page
background image
SSD1828
Rev 1.10
07/2002
SOLOMON
13
Figure 4 - Oscillator Circuitry
7.8
LCD Driving Voltage Generator and Regulator
This module generates the LCD voltage needed for display output. It takes a single supply input
and generates necessary bias voltages.
It consists of:
1.
2X, 3X, 4X and 5X DC-DC voltage converter
2.
Bias Divider
If the output op-amp buffer option in Set Power Control Register command is enabled, this circuit
block will divide the regulator output (Vout) to give the LCD driving levels (VL2 - VL5).
The divider does not require external capacitors to reduce the external hardware and pin counts.
3.
Contrast Control
Software control of 64 voltage levels of LCD voltage.
4.
Bias Ratio Selection circuitry
Software control of 1/4 to 1/9 bias ratio to match the characteristic of LCD panel.
5.
Self adjust temperature compensation circuitry
Provide 4 different compensation grade selections to satisfy the various liquid crystal temperature
grades. The grading can be selected by software control. Defaulted temperature coefficient
(PTC3) value is -0.05%/°C.
7.9
161 Bit Latch
A register carries the display signal information. In 96 X 65 display-mode, data will be fed to the
HV-buffer Cell and level-shifted to the required level.
7.10 Level selector
Level Selector is a control of the display synchronization. Display voltage can be separated into
two sets and used with different cycles. Synchronization is important since it selects the
required LCD voltage level to the HV Buffer Cell, which in turn outputs the COM or SEG LCD
waveform.
7.11 HV Buffer Cell (Level Shifter)
HV Buffer Cell works as a level shifter, which translated the low voltage output signal to the
required driving voltage. The output is shifted out with an internal FRM clock, which comes
from the Display Timing Generator. The voltage levels are given by the level selector, which is
synchronized with the internal M signal.
OSC1
Oscillator
enable
Internal Resistor
OSC2
Buffer
enable
Oscillation Circuit
enable
(CL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com