Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSD1828Z Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SSD1828Z
Description  LCD Segment / Common Driver with Controller CMOS
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1828Z Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SSD1828Z Datasheet HTML 3Page - List of Unclassifed Manufacturers SSD1828Z Datasheet HTML 4Page - List of Unclassifed Manufacturers SSD1828Z Datasheet HTML 5Page - List of Unclassifed Manufacturers SSD1828Z Datasheet HTML 6Page - List of Unclassifed Manufacturers SSD1828Z Datasheet HTML 7Page - List of Unclassifed Manufacturers SSD1828Z Datasheet HTML 8Page - List of Unclassifed Manufacturers SSD1828Z Datasheet HTML 9Page - List of Unclassifed Manufacturers SSD1828Z Datasheet HTML 10Page - List of Unclassifed Manufacturers SSD1828Z Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
SSD1828
Rev 1.10
07/2002
SOLOMON
2
2
FEATURES
96x64 Graphic Display with a Icon Line
Programmable Multiplex ratio [16Mux - 65Mux]
Single Supply Operation, 1.8 V - 3.3V
Maximum +12.0V LCD Driving Output Voltage
Low Current Sleep Mode (<1.0uA)
On-Chip 96 x 65 Graphic Display Data RAM
On-Chip Voltage Generator / External Power Supply
On-Chip Oscillator
Software Selectable On-Chip Bias Dividers, with No External Capacitors required
Hardware pin selectable for 8-bit 6800-series Parallel Interface, 8-bit 8080-series Parallel
Interface, 3-wire Serial Peripheral Interface or 4-wire Serial Peripheral Interface
Maximum 17MHz SPI or 15MHz PPI operation
Software selectable 2X / 3X / 4X / 5X On-Chip DC-DC Converter
Programmable 1/4, 1/5, 1/6, 1/7, 1/8, 1/9 bias ratio
Re-mapping of Row and Column Drivers
Vertical Scrolling
Display Offset Control
64 Levels Internal Contrast Control
External Contrast Control
Selectable LCD Driving Voltage Temperature Coefficients (4 settings)
3
ORDERING INFORMATION
Table 1 - Ordering Information
Ordering Part Number
Seg
Com
Package Form
SSD1828Z
96
64 + 1
Gold Bump Die



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com