Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2981IM5-2.9 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP2981IM5-2.9
Description  Micropower 100 mA Ultra Low-Dropout Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2981IM5-2.9 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP2981IM5-2.9 Datasheet HTML 1Page - National Semiconductor (TI) LP2981IM5-2.9 Datasheet HTML 2Page - National Semiconductor (TI) LP2981IM5-2.9 Datasheet HTML 3Page - National Semiconductor (TI) LP2981IM5-2.9 Datasheet HTML 4Page - National Semiconductor (TI) LP2981IM5-2.9 Datasheet HTML 5Page - National Semiconductor (TI) LP2981IM5-2.9 Datasheet HTML 6Page - National Semiconductor (TI) LP2981IM5-2.9 Datasheet HTML 7Page - National Semiconductor (TI) LP2981IM5-2.9 Datasheet HTML 8Page - National Semiconductor (TI) LP2981IM5-2.9 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LP2981
Micropower 100 mA Ultra Low-Dropout Regulator
General Description
The LP2981 is a 100 mA, fixed-output voltage regulator de-
signed
specifically
to
meet
the
requirements
of
battery-powered applications.
Using an optimized VIP™ (Vertically Integrated PNP) pro-
cess, the LP2981 delivers unequaled performance in all
specifications critical to battery-powered designs:
Dropout Voltage. Typically 200 mV @ 100 mA load, and
7mV @ 1 mA load.
Ground Pin Current. Typically 600 µA @ 100 mA load, and
80 µA @ 1 mA load.
Sleep Mode. Less than 1 µA quiescent current when ON/
OFF pin is pulled low.
Smallest Possible Size. SOT-23and micro SMD packages
use an absolute minimum board space.
Precision Output. 0.75% tolerance output voltages avail-
able (A grade).
Eleven voltage options, from 2.5V to 5.0V, are available as
standard products.
Features
n
Ultra low dropout voltage
n
Output voltage accuracy 0.75% (A Grade)
n
Guaranteed 100 mA output current
n
Smallest possible size (SOT-23, micro SMD package)
n <
1 µA quiescent current when shutdown
n
Low ground pin current at all load currents
n
High peak current capability (300 mA typical)
n
Wide supply voltage range (16V max)
n
Fast dynamic response to line and load
n
Low Z
OUT over wide frequency range
n
Overtemperature/overcurrent protection
n
−40˚C to +125˚C junction temperature range
Applications
n
Cellular Phone
n
Palmtop/Laptop Computer
n
Personal Digital Assistant (PDA)
n
Camcorder, Personal Stereo, Camera
Block Diagram
VIP™ is a trademark of National Semiconductor Corporation.
DS012506-1
March 2000
© 2000 National Semiconductor Corporation
DS012506
www.national.com


Similar Part No. - LP2981IM5-2.9

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2981IM5-2.5 TI1-LP2981IM5-2.5 Datasheet
423Kb / 18P
Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2981IM5-2.5 TI1-LP2981IM5-2.5 Datasheet
1Mb / 24P
Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2981IM5-2.5 TI-LP2981IM5-2.5 Datasheet
1Mb / 24P
LP2981-N Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2981IM5-2.5 TI1-LP2981IM5-2.5 Datasheet
1Mb / 24P
LP2981-N Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2981IM5-2.5 TI1-LP2981IM5-2.5 Datasheet
1Mb / 30P
Micropower 100-mA Ultralow Dropout Regulator
More results

Similar Description - LP2981IM5-2.9

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2980 NSC-LP2980 Datasheet
423Kb / 18P
Micropower 50 mA Ultra Low-Dropout Regulator
LP2982 NSC-LP2982 Datasheet
411Kb / 17P
Micropower 50 mA Ultra Low-Dropout Regulator
logo
Texas Instruments
LP2981AIM5X-2.5 TI1-LP2981AIM5X-2.5 Datasheet
423Kb / 18P
Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2981-N TI1-LP2981-N Datasheet
1Mb / 24P
Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2989AIM-33 TI1-LP2989AIM-33 Datasheet
1Mb / 19P
Micropower/Low Noise, 500 mA Ultra Low-Dropout Regulator
LP2981-N TI1-LP2981-N_16 Datasheet
1Mb / 30P
Micropower 100-mA Ultralow Dropout Regulator
LP2987 TI1-LP2987 Datasheet
1Mb / 30P
Micropower, 200 mA Ultra Low-Dropout Voltage Regulator
LP2989 TI1-LP2989 Datasheet
1Mb / 34P
Micropower and Low-Noise, 500-mA Ultra Low-Dropout Regulator
LP3981 TI1-LP3981_16 Datasheet
1Mb / 25P
Micropower, 300-mA Ultra-Low-Dropout CMOS Voltage Regulator
LP3988 TI1-LP3988 Datasheet
1Mb / 25P
Micropower, 150-mA Ultra-Low-Dropout CMOS Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com