Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR710FZ1T6 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STR710FZ1T6
Description  ARM7TDMI 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR710FZ1T6 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STR710FZ1T6 Datasheet HTML 7Page - STMicroelectronics STR710FZ1T6 Datasheet HTML 8Page - STMicroelectronics STR710FZ1T6 Datasheet HTML 9Page - STMicroelectronics STR710FZ1T6 Datasheet HTML 10Page - STMicroelectronics STR710FZ1T6 Datasheet HTML 11Page - STMicroelectronics STR710FZ1T6 Datasheet HTML 12Page - STMicroelectronics STR710FZ1T6 Datasheet HTML 13Page - STMicroelectronics STR710FZ1T6 Datasheet HTML 14Page - STMicroelectronics STR710FZ1T6 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
STR71xF - INTRODUCTION
11/49
Legend / Abbreviations for Table 3:
Type:
I = input, O = output, S = supply, HiZ= high impedance,
In/Output level: C = CMOS 0.3VDD/0.7VDD
CT= CMOS 0.8V / 2V with input trigger
TT= TTL 0.3VDD/0.7VDD with input trigger
C/T = Programmable levels: CMOS 0.3VDD/0.7VDD or TTL 0.8V / 2V
Port and control configuration:
– Input:
pu/pd= software enabled internal pull-up or pull down
pu= in reset state, the internal 100k
Ω weak pull-up is enabled.
pd = in reset state, the internal 100k
Ω weak pull-down is enabled.
– Output:
OD = open drain (logic level)
PP = push-pull
T = true OD, (P-Buffer and protection diode to VDD not implemented), 5V tolerant.
Table 3. STR710 Pin Description
Pin n°
Pin Name
Input
Output
Main
function
(after
reset)
Alternate function
1A1
P0.10/U1.RX/
U1.TX/
SC.DATA
I/O pd CT X4mA T
Port
0.10
UART1: Receive
Data input
UART1: Transmit data
output.
Note: This pin may be used for Smartcard
DataIn/DataOut or single wire UART (half du-
plex) if programmed as Alternate Function
Output. The pin will be tri-stated except when
UART transmission is in progress
2B2
RD
OX
External Memory Interface: Active low read signal for
external memory. It maps to the OE_N input of the ex-
ternal components.
3C2
P0.11/
BOOT.1/
U1.TX
I/O pd CT
4mA X
X
Port
0.11
Select Boot Con-
figuration input
UART1: Transmit data
output.
4
C3
P0.12/SC.CLK
I/O pd CT
4mA
Port
0.12
Smartcard reference clock output
5D1
VSS
S
Ground voltage for digital I/Os
6D2
V33
S
Supply voltage for digital I/Os
7
B1
P2.0/CS.0
I/O pu CT
8mA X
X
Port 2.0
External Memory Interface: Select Memory
Bank 0 output
Note: This pin is forced to output mode at re-
set to allow boot from external memory
8
C1
P2.1/CS.1
I/O
pu
2)
CT
8mA X
X
Port 2.1
External Memory Interface: Select Memory
Bank 1 output
9D3
P0.13/U2.RX/
T2.OCMPA
I/O pu CT X4mA X
X
Port
0.13
UART2: Receive
Data input
Timer2: Output Compare
A output
10
D4
P0.14/U2.TX/
T2.ICAPA
I/O pu CT
4mA X
X
Port
0.14
UART2: Transmit
data output
Timer2: Input Capture A
input
11
E1
P2.2/CS.2
I/O
pu
2)
CT
8mA X
X
Port 2.2
External Memory Interface: Select Memory
Bank 3 output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com