Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6065331 Datasheet(PDF) 3 Page - SICK AG

Part # 6065331
Description  TEMPERATURE SENSORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6065331 Datasheet(HTML) 3 Page - SICK AG

  6065331 Datasheet HTML 1Page - SICK AG 6065331 Datasheet HTML 2Page - SICK AG 6065331 Datasheet HTML 3Page - SICK AG 6065331 Datasheet HTML 4Page - SICK AG 6065331 Datasheet HTML 5Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TBS-1QES43506CE | TBS
TEMPERATURE SENSORS
Mechanics/electronics
Process connection
Compression fitting G ¼ A
Insertion length/diameter of probe
350 mm / 6 mm
Seal
Copper
Wetted parts
Stainless steel 1.4571 (AISI 316Ti)
Maximum process pressure
≤ 150 bar 1)
Housing material
Lower body: stainless steel 1.4301 (AISI 304)
Plastic head: PC + ABS
Input keypad: TPE-E
Display window: PC
Enclosure rating
IP65 (according to IEC 60529) 2)
IP67 (according to IEC 60529) 2)
Electrical connection
Round connector M12 x 1, 5-pin
Maximum ohmic load RA
≤ 100 kΩ (Switching outputs)
< 0.5 kΩ (output signal 4 mA ... 20 mA)
Supply voltage
15 V DC ... 35 V DC
Maximum current consumption
45 mA
Total current consumption
570 mA (incl. switching current)
320 mA
Protection class
III
Insolation voltage
500 V DC
Overvoltage protection
40 V DC
Short-circuit protection
Outputs QA, Q1, Q2 towards M
Reverse polarity protection
L+ towards M
Electrical safety
Protection class III
Insolation voltage 500 V DC
Overvoltage protection 40 V DC
Short-circuit protection Outputs QA, Q1, Q2 towards M
Reverse polarity protection L+ towards M
CE-conformity
2004/108/EC, EN 61326-1 emission (group 1, class B) and interference immunity (industrial
application)
RoHS certificate
✔
1) At room temperature and when connected through thread.
2) The enclosure rating classes specified only apply while the thermometer is connected with female connectors that provide the corresponding enclosure rating.
Ambient data
Ambient temperature
–20 °C ... +80 °C
Storage and transport temperature
–20 °C ... +80 °C
Relative humidity
45 % ... 75 %
Classifications
ECl@ss 5.0
27200208
ECl@ss 5.1.4
27200208
ECl@ss 6.0
27200208
2017-03-16 16:48:07 | Online data sheet
Subject to change without notice
FLUID SENSORS | SICK
3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com