Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML620Q503 Datasheet(PDF) 21 Page - LAPIS Semiconductor Co., Ltd.

Part # ML620Q503
Description  Ultra Low Power 16-bit Microcontroller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML620Q503 Datasheet(HTML) 21 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML620Q503 Datasheet HTML 17Page - LAPIS Semiconductor Co., Ltd. ML620Q503 Datasheet HTML 18Page - LAPIS Semiconductor Co., Ltd. ML620Q503 Datasheet HTML 19Page - LAPIS Semiconductor Co., Ltd. ML620Q503 Datasheet HTML 20Page - LAPIS Semiconductor Co., Ltd. ML620Q503 Datasheet HTML 21Page - LAPIS Semiconductor Co., Ltd. ML620Q503 Datasheet HTML 22Page - LAPIS Semiconductor Co., Ltd. ML620Q503 Datasheet HTML 23Page - LAPIS Semiconductor Co., Ltd. ML620Q503 Datasheet HTML 24Page - LAPIS Semiconductor Co., Ltd. ML620Q503 Datasheet HTML 25Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
FEDL620Q504-01
ML620Q503/Q504
21/34
DC characteristics (IIHL)
(VDD=1.8 to 3.6V, VSS=0V, Ta=-40 to +85°C, unless otherwise specified)
Parameter
Symbol
Condition
Rating
*1
Unit
Measuring
circuit
Min.
Typ.
Max.
Input current 1
(RESET_N,
TEST1_N)
IIH1
VIH1=VDD
1
µA
4
IIL1
VIL1=VSS
-900
-300
-20
Input current 2
(TEST0)
IIH2
VIH2=VDD
20
300
900
IIL2
VIL2=VSS
-1
Input current 3
(PXT0-PXT1,
P00-P05,
P20-P23,
P30-P37,
P40-P47,
P50-P57
)
IIH3
VIH3=VDD (at pull down)
1
15
200
IIL3
VIL3=VSS (at pull up)
-200
-15
-1
IIH3Z
VIH3=VDD
(at high impedance)
1
IIL3Z
VIL3=VSS
(at high impedance)
-1
Input current 4
(P10-P11)
IIH4
VIH4=VDD (at pull down)
1
15
200
IIL4
VIL4=VSS (at pull up)
-200
-15
-1
IIH4Z
VIH4=VDD
(at high impedance)
2
IIL4Z
VIL4=VSS
(at high impedance)
-2
*
1 : typ.rating is Ta=25
°C , V
DD=3.0V
DC characteristics (VIHL)
(VDD=1.8 to 3.6V, VSS=0V, Ta=-40 to +85°C, unless otherwise specified)
Parameter
Symbol
Condition
Rating
unit
Measuring
circuit
Min.
Typ.
Max.
Input voltage 1
(RESET_N,
TEST0,
TEST1_N,
PXT0-PXT1,
P00-P05,
P10-P11,
P20-P23,
P30-P37,
P40-P47,
P50-P57)
VIH1
0.7
×VDD
VDD
V
5
VIL1
0
0.3
×VDD
Input terminal
capacitance
(RESET_N,
TEST0,
TEST1_N,
PXT0-PXT1,,
P00-P05,
P10-P11,
P20-P23,
P30-P37,
P40-P47,
P50-P57)
CIN
f=10kHz
Vrms=50mV
Ta=25
°C
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com