Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML9484 Datasheet(PDF) 1 Page - LAPIS Semiconductor Co., Ltd.

Part # ML9484
Description  Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 50 Outputs LCD Driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML9484 Datasheet(HTML) 1 Page - LAPIS Semiconductor Co., Ltd.

  ML9484 Datasheet HTML 1Page - LAPIS Semiconductor Co., Ltd. ML9484 Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. ML9484 Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. ML9484 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML9484 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML9484 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML9484 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML9484 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML9484 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
FEDL9484-01
Issue Date:
Dec. 25, 2013
ML9484
Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 50 Outputs LCD Driver
1/29
GENERAL DESCRIPTION
The ML9484 is an LCD driver LSI, consists of a 50-bit shift register, a 200-bit data latch, 50 sets of LCD drivers,
and a common signal generation circuit.
It can directly drive an LCD up to 50 segments for static display, 100 segments for 1/2-duty display, 150
segments for 1/3-duty display, and 200 segments for 1/4-duty display.
FEATURES
Logic power supply voltage
: 2.7 to 5.5 V
LCD drive power supply voltage : 4.5 to 5.5 V
Maximum number of segments
Static display
: 50 segments
1/2-duty display
: 100 segments
1/3-duty display
: 150 segments
1/4-duty display
: 200 segments
Serially interfaces with the CPU using the three signal lines of DATA, CLOCK, and LOAD
Selectable internal CR oscillator circuit or external clock input
Built-in bias circuit
Built-in common output intermediate-value voltage generation circuit
Command-selectable A-waveform or B-waveform
Package
: 64-pin plastic TQFP


Similar Part No. - ML9484

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML9484 ETC2-ML9484 Datasheet
383Kb / 29P
Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 50 Outputs LCD Driver
More results

Similar Description - ML9484

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6541A NJRC-NJU6541A Datasheet
398Kb / 41P
Static 1/2 1/3 1/4 Duty LCD Driver
logo
List of Unclassifed Man...
ML9478C ETC2-ML9478C Datasheet
405Kb / 31P
Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 80 Outputs LCD Driver
ML9479E ETC2-ML9479E Datasheet
403Kb / 32P
Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 160 Outputs LCD Driver
ML9480 ETC2-ML9480 Datasheet
444Kb / 37P
Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 40 Outputs LCD Driver
ML9484 ETC2-ML9484 Datasheet
383Kb / 29P
Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 50 Outputs LCD Driver
ML9488 ETC2-ML9488 Datasheet
403Kb / 31P
Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 80 Outputs LCD Driver
ML9489 ETC2-ML9489 Datasheet
401Kb / 32P
Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 160 Outputs LCD Driver
logo
LAPIS Semiconductor Co....
ML9478C LAPIS-ML9478C Datasheet
323Kb / 31P
Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 80 Outputs LCD Driver
ML9480 LAPIS-ML9480 Datasheet
365Kb / 37P
Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 40 Outputs LCD Driver
ML9488 LAPIS-ML9488 Datasheet
320Kb / 31P
Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 80 Outputs LCD Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com