Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC2014 Datasheet(PDF) 4 Page - Microchip Technology

Part # TC2014
Description  50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC2014 Datasheet(HTML) 4 Page - Microchip Technology

  TC2014 Datasheet HTML 1Page - Microchip Technology TC2014 Datasheet HTML 2Page - Microchip Technology TC2014 Datasheet HTML 3Page - Microchip Technology TC2014 Datasheet HTML 4Page - Microchip Technology TC2014 Datasheet HTML 5Page - Microchip Technology TC2014 Datasheet HTML 6Page - Microchip Technology TC2014 Datasheet HTML 7Page - Microchip Technology TC2014 Datasheet HTML 8Page - Microchip Technology TC2014 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
TC2014/2015/2185
DS21662C-page 4
 2003 Microchip Technology Inc.
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, VIN = VR + 1V, IL = 100 µA, COUT = 3.3 µF, SHDN > VIH, TA = +25°C.
FIGURE 2-1:
Supply Current vs. Junction
Temperature.
FIGURE 2-2:
Load Regulation vs. Supply
Voltage.
FIGURE 2-3:
Output Voltage vs. Junction
Temperature (0.1 mA).
FIGURE 2-4:
Output Voltage vs. Junction
Temperature (150 mA).
FIGURE 2-5:
Output Voltage vs. Supply
Voltage.
FIGURE 2-6:
Dropout Voltage vs.
Junction Temperature.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
45.0
48.0
51.0
54.0
57.0
60.0
63.0
Junction Temperature (°C)
VR = 1.8V
COUT = 3.3 µF
VIN = 2.8V
VIN = 6.0V
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
2.8
3.2
3.6
4
4.4
4.8
5.2
5.6
6
Supply Voltage (V)
VR = 1.8V
COUT = 3.3 µF
IL = 150 mA
TA = +25°C
TA = +125°C
TA = -45°C
1.790
1.795
1.800
1.805
1.810
Junction Temperature (°C)
VIN = 6.0V
VIN = 2.8V
VR = 1.8V
COUT = 3.3 µF
IL = 0.1 mA
1.785
1.790
1.795
1.800
1.805
1.810
1.815
1.820
Junction Temperature (°C)
VR = 1.8V
COUT = 3.3 µF
IL = 150 mA
VIN = 2.8V
VIN = 6.0V
1.785
1.79
1.795
1.8
1.805
1.81
1.815
1.82
2.8
3.2
3.6
4
4.4
4.8
5.2
5.6
6
Supply Voltage (V)
VR = 1.8V
COUT = 3.3 µF
IL = 150 mA
TA = +25°C
TA = +125°C
TA = -45°C
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
Junction Temperature (°C)
VR = 1.8V
COUT = 3.3 µF
IL = 20 mA
IL = 50 mA
IL = 100 mA
IL = 150 mA
Note: Dropout Voltage is not
a tested parameter for 1.8V.
VIN(min)
2.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com