Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EUM6882 Datasheet(PDF) 1 Page - Eutech Microelectronics Inc

Part # EUM6882
Description  PWM Fan Motor Driver with Slope Control and Low Duty Startup
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUM6882 Datasheet(HTML) 1 Page - Eutech Microelectronics Inc

  EUM6882 Datasheet HTML 1Page - Eutech Microelectronics Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EUM6882
DS6882
Ver1.1
June 2014
1
PWM Fan Motor Driver with Slope
Control and Low Duty Startup
DESCRIPTION
EUM6882 is a fan motor driver for brushless DC fan
motor. It integrates three types speed control modes,
low duty startup function, soft switched output, lock
protection, Hall bias, FG output, shutdown mode,
quick restart and TSD. With these modes and functions,
EUM6882 can not only be applied to DC fans which
require different speed curves, but also be applied to
NB and other portable equipments which require
silence and low power dissipation.
The three types speed control modes are PWM control
mode, VCC control mode with slope adjustable,
normal VCC control mode. Low duty startup function
makes it possible for DC fan to start and restart under a
very low PWM duty cycle. Soft switched output drives
DC fan in low noise and low vibration. If a DC fan is
stalled by the external force or obstacles, overdrive
current may incur coil overheat and burning. To
prevent motor from overheating, the lock protection
circuit shuts down the internal power devices for a few
seconds after the motor lock is detected. Then the auto
restart circuit resumes to power up the internal power
devices. EUM6882 has built in Hall IC bias output,
motor rotation speed feedback (FG). With its shutdown
mode and quick restart, EUM6882 consume little
power dissipation during shutdown time and can be
started at once regardless of lock detection time.
FEATURES
Single-Phase Full-Wave Driver System
Three Speed Control Mode
PWM Control Mode
VCC Control Mode with Slope Adjustable
Normal VCC Control Mode
Low Duty Startup
SD = H: Enable Low Duty Startup
SD = L: Disable Low Duty Startup
Soft Switched Drive for Silent Application
Lock Detection and Automatic Restart
Shutdown Mode and Quick Restart
Low Standby Current (PWM = L)
FG Output
Hall Bias Output
Thermal Shutdown Protection
Available in UDFN-10 Package
RoHS Compliant and 100% Lead (Pb)-Free
Halogen-Free
APPLICATIONS
NB Cooling Fan
Silent Fan Motor
Application Circuit
Figure 1. PWM Control Mode


Similar Part No. - EUM6882

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUM6883 EUTECH-EUM6883 Datasheet
78Kb / 1P
800mA BTL Linear Fan Motor Driver
More results

Similar Description - EUM6882

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
STA6940M ALLEGRO-STA6940M Datasheet
490Kb / 19P
Brushed DC Motor Driver IC With PWM Control
logo
Eutech Microelectronics...
EUM6189A EUTECH-EUM6189A Datasheet
65Kb / 1P
700mA PWM Fan Motor Driver
EUM6261 EUTECH-EUM6261 Datasheet
103Kb / 1P
1A /18V PWM Fan Motor Driver
EUM6270 EUTECH-EUM6270 Datasheet
120Kb / 1P
1.2A/18V PWM Fan Motor Driver
EUM6861 EUTECH-EUM6861 Datasheet
103Kb / 1P
18V PWM Fan Motor Driver
EUM6804 EUTECH-EUM6804 Datasheet
157Kb / 2P
PWM Fan Motor Driver with Slope Control and Low Duty Startup
EUM6861 EUTECH-EUM6861_12 Datasheet
182Kb / 2P
18V PWM Fan Motor Driver
EUM6862 EUTECH-EUM6862 Datasheet
273Kb / 2P
24V PWM Fan Motor Driver
EUM6808 EUTECH-EUM6808 Datasheet
747Kb / 1P
PWM Fan Motor Driver with Slope Control
logo
Anpec Electronics Corop...
APX9291 ANPEC-APX9291 Datasheet
209Kb / 14P
Direct PWM Variable Speed Fan Motor Driver
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com