Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6250G Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE6250G
Description  CAN-Transceiver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6250G Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE6250G Datasheet HTML 1Page - Infineon Technologies AG TLE6250G Datasheet HTML 2Page - Infineon Technologies AG TLE6250G Datasheet HTML 3Page - Infineon Technologies AG TLE6250G Datasheet HTML 4Page - Infineon Technologies AG TLE6250G Datasheet HTML 5Page - Infineon Technologies AG TLE6250G Datasheet HTML 6Page - Infineon Technologies AG TLE6250G Datasheet HTML 7Page - Infineon Technologies AG TLE6250G Datasheet HTML 8Page - Infineon Technologies AG TLE6250G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
TLE 6250
TLE 6250 V33
Data Sheet Version 3.4
2
2002-10-08
Figure 1
Pin Configuration (top view)
Pin Definitions and Functions
Pin No.
Symbol Function
1TxD
CAN transmit data input; 20 k
Ω pull up, LOW in dominant state
2GND
Ground;
3V
CC
5 V Supply;
4RxD
CAN receive data output; LOW in dominant state,
integrated pull up
5RM
Receive-only input; (5 V-version), 20 k
Ω pull up, set low to
activate RxD-only mode
V
33V
Logic supply; (3.3 V-version) 3.3 V OR 5V microcontroller logic
supply can be connected here! The digital I/Os of the TLE6250V33
adopt to the connected microcontroller logic supply at V
33V
6CANL
Low line input; LOW in dominant state
7CANH
High line output; HIGH in dominant state
8INH
Control input; 20 k
Ω pull, set LOW for normal mode
INH
GND
RxD
TxD
CANL
V
CC
RM
CANH
8
5
6
7
1
4
3
2
P-DSO-8-3
TLE 6250 G
INH
GND
RxD
TxD
CANL
V
CC
V
33V
CANH
8
5
6
7
1
4
3
2
P-DSO-8-3
TLE 6250 GV33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com