Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP3526 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP3526
Description  TOSHIBA Photocoupler GaAs Ired & Photo-Triac
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3526 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP3526 Datasheet HTML 1Page - Toshiba Semiconductor TLP3526 Datasheet HTML 2Page - Toshiba Semiconductor TLP3526 Datasheet HTML 3Page - Toshiba Semiconductor TLP3526 Datasheet HTML 4Page - Toshiba Semiconductor TLP3526 Datasheet HTML 5Page - Toshiba Semiconductor TLP3526 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLP3526
2002-09-25
1
TOSHIBA Photocoupler GaAs Ired & Photo−Triac
TLP3526
Triac Driver
Programmable Controllers
AC−Output Module
Solid State Relay
The TOSHIBA TLP3526 consists of a photo−triac optically coupled to a
gallium arsenide infrared emitting diode in a 16 lead plastic DIP.
· Peak off−state voltage: 600V(min.)
· Trigger LED current: 10mA(max.)
· On−state current: 1.0Arms(max.)
· Isolation voltage: 2500 Vrms(min.)
· UL recognized: UL1577, file no. E67349
Pin Configuration (top view)
2 : Anode
3 : Cathode
4,5,6,7 : N.C.
9,13 : Triac T2
11 : Triac T1
15 : Triac gate
15
2
13
11
9
3
4
5
6
7
Unit in mm
TOSHIBA
11
−20A2
Weight: 1.13 g


Similar Part No. - TLP3526

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP352 TOSHIBA-TLP352 Datasheet
529Kb / 21P
Photocouplers GaAℓAs Infrared LED & Photo IC
2016-09-27 Rev.7.0
TLP3520 TOSHIBA-TLP3520 Datasheet
145Kb / 6P
Triac Driver Programmable Controllers AC.Output Module Solid State Relay
TLP3520A TOSHIBA-TLP3520A Datasheet
144Kb / 6P
Triac Driver Programmable Controllers AC.Output Module Solid State Relay
TLP3521 TOSHIBA-TLP3521 Datasheet
170Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP3527 TOSHIBA-TLP3527 Datasheet
167Kb / 6P
Triac Driver Programmable Controllers AC−Output Module Solid State Relay
More results

Similar Description - TLP3526

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3030 TOSHIBA-TLP3030 Datasheet
184Kb / 6P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
TLP525G TOSHIBA-TLP525G Datasheet
578Kb / 6P
TOSHIBA Photocoupler GaAs IRed & Photo-Triac
TLP3064 TOSHIBA-TLP3064 Datasheet
169Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP3503 TOSHIBA-TLP3503 Datasheet
166Kb / 6P
TOSHIBA Photocoupler GaAs IRed & Photo-Triac
TLP161G TOSHIBA-TLP161G Datasheet
178Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP260J TOSHIBA-TLP260J Datasheet
96Kb / 4P
TOSHIBA Photocoupler GaAs IRED&Photo-triac
TLP3502 TOSHIBA-TLP3502 Datasheet
156Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP668J TOSHIBA-TLP668J Datasheet
137Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP665J TOSHIBA-TLP665J Datasheet
259Kb / 6P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
TLP160J TOSHIBA-TLP160J_07 Datasheet
189Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com