| Electronic Components Datasheet Search |
|
TMS55166 Datasheet(PDF) 32 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS55166 Datasheet(HTML) 32 Page - Texas Instruments |
|
32 / 70 page ![]() TMS55165, TMS55166, TMS55175, TMS55176 262144 BY 16-BIT MULTIPORT VIDEO RAM SMVS463 – DECEMBER 1995 32 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 256-/512-bit compatibility of split-register programmable stop point The stop-point mode is designed to be compatible with both 256-bit SAM and 512-bit SAM devices. After the CBRS cycle is initiated, the stop-point mode becomes active. In the stop-point mode, and only in the stop-point mode, the column-address bits AY7 and AY8 are internally swapped to assure compatibility (see Figure 29). This address-bit swap applies to the column address, and it is effective for all DRAM and transfer cycles. For example, during the split-register-transfer cycle with stop point, column-address bit AY8 is a don’t care and AY7 decodes the DRAM row half for the split-register-transfer. During stop-point mode, a CBR ( option reset ) cycle is not recommended because this ends the stop-point mode and restores address bits AY7 and AY8 to their normal functions. Consistent use of CBR cycles ensures that the TMS551xx remains in nomal mode. 512 × 512 Memory Array 256 - Bit Data Register AY7 = 0 AY7 = 1 AY7 = 0 AY7 = 1 0 255 AY8 = 0 AY8 = 1 512 × 512 Memory Array 256 - Bit Data Register AY7 = 0 AY7 = 1 AY7 = 0 AY7 = 1 0 255 AY8 = 0 AY8 = 1 NON STOP-POINT MODE STOP-POINT MODE Figure 29. DRAM-to-SAM Mapping, Nonstop-Point Versus Stop Point IMPORTANT: For proper device operation, a stop-point-mode (CBRS) cycle should be initiated immediately after the power-up initialization cycles are performed. power up To achieve proper device operation, an initial pause of 200 µs is required after power up followed by a minimum of eight RAS cycles or eight CBR cycles to initialize the DRAM port. A full-register-transfer read cycle and two SC cycles are required to initialize the SAM port. After initialization, the internal state of the TMS551xx is as follows: STATE AFTER INITIALIZATION QSF Write mode Write-mask register Color register Serial-register tap point SAM port Defined by the transfer cycle during initialization Nonpersistent mode Undefined Undefined Defined by the transfer cycle during initialization Output mode |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |