Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCAS06AP303R3LAT Datasheet(PDF) 3 Page - AVX Corporation

Part # VCAS06AP303R3LAT
Description  Antenna PowerGuard
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VCAS06AP303R3LAT Datasheet(HTML) 3 Page - AVX Corporation

  VCAS06AP303R3LAT Datasheet HTML 1Page - AVX Corporation VCAS06AP303R3LAT Datasheet HTML 2Page - AVX Corporation VCAS06AP303R3LAT Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
010317
Antenna PowerGuard
AVX Low Capacitance Varistors
ESD Protection for Circuits Sensitive to Capacitance
ESD CHARACTERISTICS
0
500
1000
1500
2000
2500
0
20
40
60
80
100
120
140
160
180
200
TIME (nsec)
8kV ESD Vc Wave Capture
(150pF/330ohm Network)
8kV No Part
VCAS04AP181R5DAT
VCAS04AP182R0LAT
0
1000
2000
3000
4000
5000
0
20
40
60
80
100
120
140
160
180
200
TIME (nsec)
15kV ESD Vc Wave Capture
(150pF/330ohm Network)
0
500
1000
1500
2000
2500
0
20
40
60
80
100
120
140
160
180
200
TIME (nsec)
8kV ESD Vc Wave Capture
(150pF/330ohm Network)
0
1000
2000
3000
4000
5000
0
20
40
60
80
100
120
140
160
180
200
TIME (nsec)
15kV ESD Vc Wave Capture
(150pF/330ohm Network)
15kV No Part
VCAS04AP181R5DAT
VCAS04AP182R0LAT
8kV No Part
VCAS06AP182R0LAT
VCAS06AP243R3LAT
15kV No Part
VCAS06AP182R0LAT
VCAS06AP243R3LAT
0
500
1000
1500
2000
2500
0
20
40
60
80
100
120
140
160
180
200
TIME (nsec)
8kV ESD Vc Wave Capture
(150pF/330ohm Network)
0
1000
2000
3000
4000
5000
0
20
40
60
80
100
120
140
160
180
200
TIME (nsec)
15kV ESD Vc Wave Capture
(150pF/330ohm Network)
0
500
1000
1500
2000
2500
0
20
40
60
80
100
120
140
160
180
200
TIME (nsec)
8kV ESD Vc Wave Capture
(150pF/330ohm Network)
0
1000
2000
3000
4000
5000
0
20
40
60
80
100
120
140
160
180
200
TIME (nsec)
15kV ESD Vc Wave Capture
(150pF/330ohm Network)
8kV No Part
VCAS04AP301R5DAT
15kV No Part
VCAS04AP301R5DAT
8kV No Part
VCAS06AP303R3LAT
15kV No Part
VCAS06AP303R3LAT



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com