Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL261 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TSL261
Description  IR LIGHTTOVOLTAGE OPTICAL SENSORS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TSL261 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TSL261 Datasheet HTML 1Page - List of Unclassifed Manufacturers TSL261 Datasheet HTML 2Page - List of Unclassifed Manufacturers TSL261 Datasheet HTML 3Page - List of Unclassifed Manufacturers TSL261 Datasheet HTML 4Page - List of Unclassifed Manufacturers TSL261 Datasheet HTML 5Page - List of Unclassifed Manufacturers TSL261 Datasheet HTML 6Page - List of Unclassifed Manufacturers TSL261 Datasheet HTML 7Page - List of Unclassifed Manufacturers TSL261 Datasheet HTML 8Page - List of Unclassifed Manufacturers TSL261 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TSL260, TSL261, TSL262
IR LIGHT TOVOLTAGE OPTICAL SENSORS
TAOS021 – MAY 2000
1
www.taosinc.com
t
t
Copyright
E 2000, TAOS Inc.
D Integral Visible Light Cutoff Filter
D Monolithic Silicon IC Containing
Photodiode, Operational Amplifier, and
Feedback Components
D Converts Light Intensity to Output Voltage
D High Irradiance Responsivity Typically
42 mV/(
µW/cm2) at λ
p = 940 nm (TSL260)
D Low Dark (Offset) Voltage . . . 10 mV
Max at 25
°C, V
DD = 5 V
D Single-Supply Operation
D Wide Supply Voltage Range ...3 V to 9 V
D Low Supply Current . . . 800 µA Typical at
VDD = 5 V
D Advanced Linear CMOS Technology
Description
The TSL260, TSL261, and TSL262 are light-to-voltage optical sensors, each combining a photodiode and a
transimpedance amplifier (feedback resistor = 16 M
Ω, 8 MΩ, and 2 MΩ, respectively) on a single monolithic
integrated circuit. The output voltage is directly proportional to the infrared light intensity (irradiance) on the
photodiode. The TSL260, TSL261, and TSL262 are manufactured using advanced linear CMOS silicon-gate
technology, which provides good amplifier offset-voltage stability and low power consumption.
Functional Block Diagram
Voltage
Output
+
–
Terminal Functions
TERMINAL
DESCRIPTION
NAME
NO.
DESCRIPTION
GND
1
Ground (substrate). All voltages are referenced to GND.
OUT
3
Output voltage
VDD
2
Supply voltage
t
t
Texas Advanced Optoelectronic Solutions Inc.
800 Jupiter Road, Suite 205
S Plano, TX 75074 S (972) 673-0759
3
2
1
OUT
VDD
GND
PACKAGE
(FRONT VIEW)


Similar Part No. - TSL261

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSL261 TI1-TSL261 Datasheet
133Kb / 9P
IR LIGHT-TO-VOLTAGE OPTICAL SENSORS
1996
logo
List of Unclassifed Man...
TSL261R ETC1-TSL261R Datasheet
91Kb / 8P
INFRARED LIGHTTOVOLTAGE OPTICAL SENSORS
logo
TEXAS ADVANCED OPTOELEC...
TSL261R TAOS-TSL261R Datasheet
209Kb / 14P
INFRARED LIGHT-TO-VOLTAGE OPTICAL SENSORS
logo
ams AG
TSL261R AMSCO-TSL261R Datasheet
642Kb / 15P
INFRARED LIGHT-TO-VOLTAGE OPTICAL SENSORS
TSL261R AMSCO-TSL261R Datasheet
829Kb / 15P
INFRARED LIGHT-TO-VOLTAGE OPTICAL SENSORS
More results

Similar Description - TSL261

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSL250R ETC-TSL250R Datasheet
95Kb / 8P
LIGHTTOVOLTAGE OPTICAL SENSORS
logo
Texas Instruments
TSL250 TI-TSL250 Datasheet
91Kb / 6P
LIGHT-TO-VOLTAGE OPTICAL SENSORS
logo
TEXAS ADVANCED OPTOELEC...
TSL250R TAOS-TSL250R Datasheet
162Kb / 10P
LIGHT-TO-VOLTAGE OPTICAL SENSORS
TSL250RD TAOS-TSL250RD Datasheet
189Kb / 12P
LIGHT-TO-VOLTAGE OPTICAL SENSORS
TSL260R TAOS-TSL260R Datasheet
209Kb / 14P
INFRARED LIGHT-TO-VOLTAGE OPTICAL SENSORS
logo
ams AG
TSL250R AMSCO-TSL250R Datasheet
601Kb / 11P
LIGHT-TO-VOLTAGE OPTICAL SENSORS
TSL250RD AMSCO-TSL250RD Datasheet
627Kb / 13P
LIGHT-TO-VOLTAGE OPTICAL SENSORS
TSL252 AMSCO-TSL252 Datasheet
601Kb / 11P
LIGHT-TO-VOLTAGE OPTICAL SENSORS
TSL250R AMSCO-TSL250R_V01 Datasheet
232Kb / 20P
Light-to-Voltage Optical Sensors
2016-May-30
logo
Texas Instruments
TSL260 TI1-TSL260 Datasheet
133Kb / 9P
IR LIGHT-TO-VOLTAGE OPTICAL SENSORS
1996
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com