| Electronic Components Datasheet Search |
|
FT4232HL Datasheet(PDF) 2 Page - Future Technology Devices International Ltd. |
|
|
|||||||||||||||||||||||||||||
FT4232HL Datasheet(HTML) 2 Page - Future Technology Devices International Ltd. |
|
2 / 55 page ![]() Copyright © Future Technology Devices International Limited 2 FT4232H QUAD HIGH SPEED USB TO MULTIPURPOSE UART/MPSSE IC Datasheet Version 2.4 Document No.: FT_000060 Clearance No.: FTDI#78 1 Typical Applications Single chip USB to four channels UART (RS232, RS422 or RS485) or Bit-Bang interfaces. Single chip USB to 2 JTAG channels plus 2 UARTS. Single chip USB to 1 JTAG channel plus 3 UARTS. Single chip USB to 1 SPI channel plus 3 UARTS. Single chip USB to 2 SPI channels plus 2 UARTS. Single chip USB to 2 Bit-Bang channels plus 2 UARTS. Single chip USB to 1 SPI channel, plus 1 JTAG channel plus 2 UARTS. Single chip USB to 2 I2C channels plus 2 UARTS. Numerous combinations of 4 channels. Upgrading Legacy Peripheral Designs to USB Field Upgradable USB Products Cellular and cordless phone USB data transfer cables and interfaces. Interfacing MCU / PLD / FPGA based designs to USB PDA to USB data transfer USB Smart Card Readers USB Instrumentation USB Industrial Control USB MP3 Player Interface USB FLASH Card Reader / Writers Set Top Box PC - USB interface USB Digital Camera Interface USB Bar Code Readers 1.1 Driver Support The FT4232H requires USB drivers (listed below), available free from http://www.ftdichip.com, which are used to make the FT4232H appear as a virtual COM port (VCP). This allows the user to communicate with the USB interface via a standard PC serial emulation port (for example TTY). Another FTDI USB driver, the D2XX driver, can also be used with application software to directly access the FT4232H through a DLL. Royalty free VIRTUAL COM PORT (VCP) DRIVERS for... Windows 10 32,64-bit Windows 8/8.1 32,64-bit Windows 7 32,64-bit Windows Vista and Vista 64-bit Windows XP and XP 64-bit Windows 98, 98SE, ME, 2000, Server 2003, XP, Server 2008 and server 2012 R2 Windows XP Embedded Windows CE 4.2, 5.0 and 6.0 Mac OS 8/9, OS-X Linux 2.4 and greater Royalty free D2XX Direct Drivers (USB Drivers + DLL S/W Interface) Windows 10 32,64-bit Windows 8/8.1 32,64-bit Windows 7 32,64-bit Windows Vista and Vista 64-bit Windows XP and XP 64-bit Windows 98, 98SE, ME, 2000, Server 2003, XP, Server 2008 and server 2012 R2 Windows XP Embedded Windows CE 4.2, 5.0 and 6.0 Linux 2.4 and greater Android(J2xx) For driver installation, please refer to the installation guides on our website: http://www.ftdichip.com/Support/Documents/InstallGuides.htm The following additional installation guides application notes and technical notes are also available: AN_113, “Interfacing FT2232H Hi-Speed Devices To I2C Bus”. AN_109 – “Programming Guide for High Speed FTCI2C DLL” AN_110 – “Programming Guide for High Speed FTCJTAG DLL” AN_111 – “Programming Guide for High Speed FTCSPI DLL” |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |