Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD72874 Datasheet(PDF) 21 Page - NEC

Part # UPD72874
Description  IEEE1394 OHCI 1.1 COMPLIANT 3PORT PHY-LINK 1-CHIP HOST CONTROLLER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD72874 Datasheet(HTML) 21 Page - NEC

Back Button UPD72874 Datasheet HTML 17Page - NEC UPD72874 Datasheet HTML 18Page - NEC UPD72874 Datasheet HTML 19Page - NEC UPD72874 Datasheet HTML 20Page - NEC UPD72874 Datasheet HTML 21Page - NEC UPD72874 Datasheet HTML 22Page - NEC UPD72874 Datasheet HTML 23Page - NEC UPD72874 Datasheet HTML 24Page - NEC UPD72874 Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
Preliminary Data Sheet S15306EJ2V0DS
21
µµµµPD72874
3.1.5 Offset_08
Revision ID Register
This register specifies a revision number assigned by NEC Corporation for the
µPD72874.
Bits
R/W
Description
7-0
R
Default value of 01H. It specifies the silicon revision. It will be incremented for subsequent
silicon revisions.
3.1.6 Offset_09
Class Code Register
This register identifies the class code, sub-class code, and programming interface of the
µPD72874.
Bits
R/W
Description
7-0
R
Constant value of 10H. It specifies an IEEE1394 OHCI-compliant Host Controller.
15-8
R
Constant value of 00H. It specifies an “IEEE1394” type.
23-16
R
Constant value of 0CH. It specifies a “Serial Bus Controller”.
3.1.7 Offset_0C
Cache Line Size Register
This register specifies the system cache line size, which is PC-host system dependent, in units of 32-bit words.
The following cache line sizes are supported: 2, 4, 8, 16, 32, 64, and 128. All other values will be recognized as 0,
i.e. cache disabled.
Bits
R/W
Description
7-0
R/W
Default value of 00H.
3.1.8 Offset_0D
Latency Timer Register
This register defines the maximum amount of time that the
µPD72874 is permitted to retain ownership of the bus
after it has acquired bus ownership and initiated a subsequent transaction.
Bits
R/W
Description
7-0
R/W
Default value of 00H. It specifies the number of PCI-bus clocks that the
µPD72874 may hold
the PCI bus as a bus-master.
3.1.9 Offset_0E
Header Type Register
Bits
R/W
Description
7-0
R
Constant value of 00H. It specifies a single function device.
3.1.10 Offset_0F BIST Register
Bits
R/W
Description
7-0
R
Constant value of 00H. It specifies whether the device is capable of Built-in Self Test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com