Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIS413DN Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIS413DN
Description  P-Channel 30 V (D-S) MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIS413DN Datasheet(HTML) 2 Page - Vishay Siliconix

  SIS413DN Datasheet HTML 1Page - Vishay Siliconix SIS413DN Datasheet HTML 2Page - Vishay Siliconix SIS413DN Datasheet HTML 3Page - Vishay Siliconix SIS413DN Datasheet HTML 4Page - Vishay Siliconix SIS413DN Datasheet HTML 5Page - Vishay Siliconix SIS413DN Datasheet HTML 6Page - Vishay Siliconix SIS413DN Datasheet HTML 7Page - Vishay Siliconix SIS413DN Datasheet HTML 8Page - Vishay Siliconix SIS413DN Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Vishay Siliconix
SiS413DN
www.vishay.com
2
Document Number: 63262
S13-0632-Rev. A, 25-Mar-13
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: pmostechsupport@vishay.com
Notes:
a. Pulse test; pulse width
 300 µs, duty cycle  2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = - 250 µA
- 30
V
VDS Temperature Coefficient
V
DS/TJ
ID = - 250 µA
- 23
mV/°C
VGS(th) Temperature Coefficient
V
GS(th)/TJ
4.6
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = - 250 µA
- 1
- 2.5
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = - 30 V, VGS = 0 V
- 1
µA
VDS = - 30 V, VGS = 0 V, TJ = 55 °C
- 5
On-State Drain Currenta
ID(on)
VDS  - 10 V, VGS = - 10 V
- 30
A
Drain-Source On-State Resistancea
RDS(on)
VGS = - 10 V, ID = - 15 A
0.0076
0.0094
VGS = - 4.5 V, ID = - 10 A
0.0108
0.0132
Forward Transconductancea
gfs
VDS = - 10 V, ID = - 15 A
50
S
Dynamicb
Input Capacitance
Ciss
VDS = - 15 V, VGS = 0 V, f = 1 MHz
4280
pF
Output Capacitance
Coss
427
Reverse Transfer Capacitance
Crss
382
Total Gate Charge
Qg
VDS = - 15 V, VGS = - 10 V, ID = - 10 A
73
110
nC
VDS = - 15 V, VGS = - 4.5 V, ID = - 10 A
35.4
53
Gate-Source Charge
Qgs
10.6
Gate-Drain Charge
Qgd
11.6
Gate Resistance
Rg
f = 1 MHz
0.4
1.6
3.2
Turn-On Delay Time
td(on)
VDD = - 15 V, RL = 1.5 
ID  - 10 A, VGEN = - 10 V, Rg = 1 
11
22
ns
Rise Time
tr
11
22
Turn-Off DelayTime
td(off)
45
90
Fall Time
tf
816
Turn-On Delay Time
td(on)
VDD = - 15 V, RL = 1.5 
ID  - 10 A, VGEN = - 4.5 V, Rg = 1 
55
100
Rise Time
tr
82
150
Turn-Off DelayTime
td(off)
40
80
Fall Time
tf
13
26
Drain-Source Body Diode Characteristics
Continous Source-Drain Diode Current
IS
TC = 25 °C
- 18
A
Pulse Diode Forward Current
ISM
- 70
Body Diode Voltage
VSD
IS = - 3 A, VGS = 0 V
- 0.74
- 1.2
V
Body Diode Reverse Recovery Time
trr
IF = - 10 A, dI/dt = 100 A/µs, TJ = 25 °C
18
36
ns
Body Diode Reverse Recovery Charge
Qrr
816
nC
Reverse Recovery Fall Time
ta
7
ns
Reverse Recovery Rise Time
tb
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com