Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCT3834A Datasheet(PDF) 34 Page - Micronas

Part # VCT3834A
Description  Video/Controller/Teletext IC Family
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VCT3834A Datasheet(HTML) 34 Page - Micronas

Back Button VCT3834A Datasheet HTML 30Page - Micronas VCT3834A Datasheet HTML 31Page - Micronas VCT3834A Datasheet HTML 32Page - Micronas VCT3834A Datasheet HTML 33Page - Micronas VCT3834A Datasheet HTML 34Page - Micronas VCT3834A Datasheet HTML 35Page - Micronas VCT3834A Datasheet HTML 36Page - Micronas VCT3834A Datasheet HTML 37Page - Micronas VCT3834A Datasheet HTML 38Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 172 page
background image
VCT 38xxA
ADVANCE INFORMATION
34
Micronas
Table 2–4: I2C control and status registers of the video back-end
I2C Sub
address
Number
of bits
Mode
Function
Default
Name
1) priority mask register
If bit[x] is set to 1 then the function is active for the respective signal priority
Luminance Channel
h’61
9
w v
bit [5:0]
0..63/32
main picture contrast
32 CTM
h’65
9
w v
bit [5:0]
0..63/32
side picture contrast
32 CTS
h’51
9
w v
bit [8:0]
−256..255
main picture brightness
0 BRM
h’55
9
w v
bit [8:0]
−256..255
side picture brightness
0 BRS
h’75
9
w v
luma channel, priority mask register
bit [7:0]
0/1
select contrast, brightness, matrix
for main/side picture
0PBCT 1)
h’71
9
w v
luma channel, priority mask register
bit [7:0]
0/1
select main (video) / external (via CLUT)
RGB
0 PBERGB
1)
Black-Level Expander
h’59
9
w v
black-level expander
bit [3:0]
0..15
tilt coefficient
bit [8:4]
0...31
amount
8
12
BLE1
BTLT
BAM
h’5d
9
w v
black-level expander, threshold:
bit [8:0]
0..511
disable expansion, threshold value
200
BLE2
BTHR
h’73
9
w v
black-level expander, measurement
bit[0]
0/1
50/60 Hz measurement windowlength
bit [8:1]
0..255
vstart/2
start line = vstart
stop line = 336/283
− vstart
or vertical blanking
0
15
BLE3
BWL
BVST
h’7d
9
w v
black-level expander, priority mask register
bit [7:0]
0/1
enable/disable black-level expander
0PBBLE 1)
Dynamic Peaking
h’69
9
w v
luma peaking filter, the gain at high frequencies and small signal
amplitudes is: 1 + (k1+k2)/8
bit [3:0]
0..15
k1: peaking level undershoot
bit [7:4]
0..15
k2: peaking level overshoot
bit [8]
0/1
peaking value normal/inverted
(peaking/softening)
4
4
0
PK1
PKUN
PKOV
PKINV
h’6d
9
w v
luma peaking filter, coring
bit [4:0]
0..31
coring level
bit [7:5]
reserved
bit [8]
0/1
peaking filter center frequency high/
low
3
0
PK2
COR
PFS
h’79
9
w v
luma peaking filter, priority mask register
bit [7:0]
0/1
disable/enable peaking transient
suppression when signal is switched
0 PBPK 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com