Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI7370ADP Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI7370ADP
Description  N-Channel 60-V (D-S) MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7370ADP Datasheet(HTML) 2 Page - Vishay Siliconix

  SI7370ADP Datasheet HTML 1Page - Vishay Siliconix SI7370ADP Datasheet HTML 2Page - Vishay Siliconix SI7370ADP Datasheet HTML 3Page - Vishay Siliconix SI7370ADP Datasheet HTML 4Page - Vishay Siliconix SI7370ADP Datasheet HTML 5Page - Vishay Siliconix SI7370ADP Datasheet HTML 6Page - Vishay Siliconix SI7370ADP Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
2
Document Number: 68746
S-81472-Rev. A, 23-Jun-08
Vishay Siliconix
Si7370ADP
New Product
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
60
V
VDS Temperature Coefficient
ΔV
DS/TJ
ID = 250 µA
60
mV/°C
VGS(th) Temperature Coefficient
ΔV
GS(th)/TJ
- 9.8
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
2.0
4.5
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 60 V, VGS = 0 V
1
µA
VDS = 60 V, VGS = 0 V, TJ = 55 °C
5
On-State Drain Currenta
ID(on)
VDS ≥ 5 V, VGS = 10 V
50
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 10 V, ID = 12 A
0.008
0.010
Ω
VGS = 6 V, ID = 10 A
0.010
0.0125
Forward Transconductancea
gfs
VDS = 15 V, ID = 10 A
50
S
Dynamicb
Input Capacitance
Ciss
VDS = 30 V, VGS = 0 V, f = 1 MHz
2850
pF
Output Capacitance
Coss
375
Reverse Transfer Capacitance
Crss
150
Total Gate Charge
Qg
VDS = 30 V, VGS = 10 V, ID = 12 A
45
70
nC
Gate-Source Charge
Qgs
12.2
Gate-Drain Charge
Qgd
10
Gate Resistance
Rg
f = 1 MHz
0.2
0.75
1.5
Ω
Turn-On Delay Time
td(on)
VDD = 30 V, RL = 30 Ω
ID ≅ 1 A, VGEN = 10 V, Rg = 1 Ω
20
30
ns
Rise Time
tr
918
Turn-Off Delay Time
td(off)
40
60
Fall Time
tf
20
30
Turn-On Delay Time
td(on)
VDD = 30 V, RL = 30 Ω
ID ≅ 1 A, VGEN = 10 V, Rg = 1 Ω
25
40
Rise Time
tr
14
25
Turn-Off Delay Time
td(off)
35
55
Fall Time
tf
20
30
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
50
A
Pulse Diode Forward Currenta
ISM
50
Body Diode Voltage
VSD
IS = 3 A
0.75
1.2
V
Body Diode Reverse Recovery Time
trr
IF = 3 A, dI/dt = 100 A/µs, TJ = 25 °C
35
60
ns
Body Diode Reverse Recovery Charge
Qrr
45
70
nC
Reverse Recovery Fall Time
ta
22
ns
Reverse Recovery Rise Time
tb
13



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com