Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

J409 Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # J409
Description  Surface Mount 1x1
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

J409 Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  J409_15 Datasheet HTML 1Page - Pulse A Technitrol Company J409_15 Datasheet HTML 2Page - Pulse A Technitrol Company J409_15 Datasheet HTML 3Page - Pulse A Technitrol Company J409_15 Datasheet HTML 4Page - Pulse A Technitrol Company J409_15 Datasheet HTML 5Page - Pulse A Technitrol Company J409_15 Datasheet HTML 6Page - Pulse A Technitrol Company J409_15 Datasheet HTML 7Page - Pulse A Technitrol Company J409_15 Datasheet HTML 8Page - Pulse A Technitrol Company J409_15 Datasheet HTML 9Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
J409.O (07/15)
2
pulseelectronics.com
PulseJack™
Surface Mount 1x1
RJ45 Material Specification
Part
Number
Shield
Contact
MSL
Rating
Material
Finish
Material
Plating Area
Solder Area
Material
Specification
J0C/JV/J3
Series
Brass
20-40µ inches thick
nickel over Brass
Phosphor
Bronze
(X)µ inches gold over
30-80µ inches nickel
Tin matte finish
High Temp.
Thermoplastic
UL 94 V-0
1
Housing
Notes:
1. Connector dimensions comply with FCC part 68 dimension requirements.
4. NL parts are tin matte finish over nickel.
2. MSL = Moisture Sensitivity Level rating: 1-5 (highest rating = 1, lowest rating = 5
3. (X) = 30 inches gold for JV and J30 platforms and 15 inches gold for J0C platform.
3
4
2
J0C Platform Schematics
J0C-0003NL/J0C-0004NL
J0C-0005NL/J0C-0006NL
1
4
2
3
5
6
7
8
TD+
CT
TD-
RD+
CT
RD-
NC
1 : 1
TRANSMIT
1 : 1
RECEIVE
GND*
TX+
TX-
RX+
RX-
1
2
3
6
5
4
8
7
1 : 1
TRANSMIT
1 : 1
RECEIVE
1
4
2
3
5
6
7
75
75
75
75
8
TD+
CT
TD-
RD+
CT
RD-
NC
GND
TX+
TX-
RX+
RX-
1
2
3
6
5
4
8
7
NOTE:
Connect GND to PCB ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com