Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HVRM2 Datasheet(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # HVRM2
Description  3.5A 2.0kV -High Voltage High Current Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

HVRM2 Datasheet(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  HVRM2_17 Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD HVRM2_17 Datasheet HTML 2Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HVRM2
3.5A 2.0kV -High Voltage High Current Diodes
GETE ELECTRONIC CO.,LTD
Http://www.getedz.com
Http://www.hvgtsemi.com E-mai: sales@getedz.com
GETAI ELECTRONIC DEVICE CO.,LTD TEL:0086-20-8184 9628
FAX:0086-20-8184 9638
2016 1 / 2
MAXIMUM RATINGS AND CHARACTERISTICS: (Absolute Maximum Ratings)
Items
Symbols
Condition
Data Value Units
Repetitive Peak Renerse Voltage
VRRM
Ta=25°C;
2.0
kV
Average Output Current
IF
Ta=55°C; Resistive Load
3500
mA
Suege Current
IFSM
Ta=25°C; 1/2 Sine(60Hz) ; 8.3mS
200
A
Junction Temperature
TJ
-40~+150
°C
Allowable Operation Case Temperature
Tc
125
°C
Storage Temperature
TSTG
-40~+150
°C
ELECTRICAL CHARACTERISTICS: Ta=25°C (Unless otherwise specified)
Items
Symbols
Condition
Data value Units
Maximum Forward Voltage Drop
VF
at 25°C;IF =IF(AV)
4.0
V
Maximum Reverse Current
IR1
at 25°C;VR =VRRM
10
uA
IR2
at 100°C;VR =VRRM
100
uA
Maximum Reverse Recovery Time
TRR
at 25°C; IF=0.5IR; IR=IFAVM; IRR=0.25IR
--
nS
Junction Capacitance
CJ
at 25°C; VR=0V; f=1MHz
--
pF
HVGT high voltage silicon rectifier diodes is
made of high quality glass passivated chip and high
reliability epoxy resin sealing structure, and through
professional testing equipment inspection qualified
after to customers.
SHAPE DISPLAY:
SIZE: (Unit:mm)
HVGT NAME: DO-990
FEATURES:
1. High reliability design.
2. High voltage design.
3. Low frequency .
4. Conform to RoHS.
5. Epoxy resin molded in vacuumHave
anticorrosion in the surface.
APPLICATIONS:
1. High voltage multiplier circuit
2. High current and high voltage circuit.
3. General purpose high voltage rectifier.
4. Other .
MECHANICAL DATA:
1. Case: epoxy resin molding.
2. Terminal: welding axis.
3. Net weight: 2.1 grams (approx).


Similar Part No. - HVRM2_17

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
HVRM2 GETEDZ-HVRM2 Datasheet
71Kb / 1P
2.0kV 3.5A HIGH VOLTAGE DIODE
More results

Similar Description - HVRM2_17

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
BR2 GETEDZ-BR2 Datasheet
68Kb / 1P
2.0kV 2.0A HIGH VOLTAGE DIODES
BR2F GETEDZ-BR2F Datasheet
68Kb / 1P
2.0kV 1.0A HIGH VOLTAGE DIODES
HVRM2 GETEDZ-HVRM2 Datasheet
71Kb / 1P
2.0kV 3.5A HIGH VOLTAGE DIODE
HVRW2 GETEDZ-HVRW2 Datasheet
71Kb / 1P
2.0kV 1.5A HIGH VOLTAGE DIODE
BR02-BR2 GETEDZ-BR02-BR2 Datasheet
68Kb / 1P
2.0kV 2.0A HIGH VOLTAGE DIODES
BR02 GETEDZ-BR02 Datasheet
520Kb / 2P
1.0A 2.0kV -High Voltage Medium and High Current Diodes
BR2F GETEDZ-BR2F_17 Datasheet
526Kb / 2P
900mA 2.0kV 100nS -High Voltage Medium and High Current Diodes
HVRW2 GETEDZ-HVRW2_17 Datasheet
530Kb / 2P
1.5A 2.0kV 150nS -High Voltage High Current Diodes
ESJA02-02S GETEDZ-ESJA02-02S_17 Datasheet
460Kb / 1P
20mA 2.0kV 100nS SUBMINIATURE HIGH VOLTAGE DIODES
NV20FP GETEDZ-NV20FP Datasheet
460Kb / 1P
20mA 2.0kV 100nS SUBMINIATURE HIGH VOLTAGE DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com