Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5632 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SC5632
Description  Silicon NPN epitaxial planar type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC5632 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SC5632 Datasheet HTML 1Page - Panasonic Semiconductor 2SC5632 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Transistors
1
Publication date: February 2003
SJC00186BED
2SC5632
Silicon NPN epitaxial planar type
For high-frequency amplification and switching
■ Features
• High transition frequency f
T
• S-Mini type package, allowing downsizing of the equipment
and automatic insertion through the tape packing
■ Absolute Maximum Ratings T
a
= 25°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Collector-base voltage (Emitter open)
VCBO
IC
= 100 µA, I
E
= 015
V
Emitter-base cutoff current (Collector open)
IEBO
VEB = 2 V, IC = 02
µA
Forward current transfer ratio
hFE
VCE = 4 V, IC = 2 mA
100
350
hFE ratio *
∆h
FE
hFE2: VCE
= 4 V, I
C
= 100 µA
0.6
1.5
hFE1: VCE = 4 V, IC = 2 mA
Collector-emitter saturation voltage
VCE(sat)
IC = 20 mA, IB = 4 mA
0.1
V
Transition frequency
fT
VCE
= 5 V, I
C
= 15 mA, f = 200 MHz
0.6
1.1
GHz
Collector output capacitance
Cob
VCB
= 10 V, I
E
= 0, f = 1 MHz
1.0
1.6
pF
(Common base, input open circuited)
■ Electrical Characteristics T
a
= 25°C ± 3°C
Unit: mm
Parameter
Symbol
Rating
Unit
Collector-base voltage (Emitter open)
VCBO
15
V
Collector-emitter voltage (Base open)
VCEO
8V
Emitter-base voltage (Collector open)
VEBO
3V
Collector current
IC
50
mA
Collector power dissipation
PC
150
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
Marking Symbol: 2R
1.3±0.1
0.3
+0.1
–0.0
2.0±0.2
1
3
2
(0.65) (0.65)
0.15
+0.10
–0.05
10˚
1: Base
2: Emitter
3: Collector
EIAJ: SC-70
SMini3-G1 Package
Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors.
2. *:
∆h
FE = hFE2 / hFE1


Similar Part No. - 2SC5632

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SC563 ETC2-2SC563 Datasheet
43Kb / 1P
Si NPN Epitaxial Planar
logo
Hitachi Semiconductor
2SC5631 HITACHI-2SC5631 Datasheet
75Kb / 10P
Silicon NPN Epitaxial UHF / VHF Wide Band Amplifier
logo
Renesas Technology Corp
2SC5631 RENESAS-2SC5631 Datasheet
118Kb / 10P
Silicon NPN Epitaxial UHF / VHF Wide Band Amplifier
logo
Isahaya Electronics Cor...
2SC5633 ISAHAYA-2SC5633 Datasheet
49Kb / 2P
SMALL-SIGNAL TRANSISTOR
2SC5633 ISAHAYA-2SC5633 Datasheet
133Kb / 2P
FOR HIGH FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
More results

Similar Description - 2SC5632

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD1752 PANASONIC-2SD1752 Datasheet
57Kb / 3P
Silicon NPN epitaxial planar type
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
2SC5848 PANASONIC-2SC5848 Datasheet
438Kb / 3P
Silicon NPN epitaxial planar type
XN06543 PANASONIC-XN06543 Datasheet
89Kb / 3P
Silicon NPN epitaxial planar type
logo
Toshiba Semiconductor
2SC2347 TOSHIBA-2SC2347_03 Datasheet
150Kb / 4P
Silicon NPN Epitaxial Planar Type
19-Mar-2003
2SC2290A TOSHIBA-2SC2290A_07 Datasheet
192Kb / 4P
SILICON NPN EPITAXIAL PLANAR TYPE
logo
Guangdong Kexin Industr...
2SD1824 KEXIN-2SD1824 Datasheet
45Kb / 1P
Silicon NPN Epitaxial Planar Type
2SD814 KEXIN-2SD814 Datasheet
37Kb / 1P
Silicon NPN Epitaxial Planar Type
2SC3125 KEXIN-2SC3125 Datasheet
35Kb / 1P
Silicon NPN Epitaxial Planar Type
2SD1820A KEXIN-2SD1820A Datasheet
46Kb / 1P
Silicon NPN Epitaxial Planar Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com