Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPV324M Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LPV324M
Description  General Purpose, Low Voltage, Low Power, Rail-to-Rail Output Operational Amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LPV324M Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LPV324M Datasheet HTML 1Page - National Semiconductor (TI) LPV324M Datasheet HTML 2Page - National Semiconductor (TI) LPV324M Datasheet HTML 3Page - National Semiconductor (TI) LPV324M Datasheet HTML 4Page - National Semiconductor (TI) LPV324M Datasheet HTML 5Page - National Semiconductor (TI) LPV324M Datasheet HTML 6Page - National Semiconductor (TI) LPV324M Datasheet HTML 7Page - National Semiconductor (TI) LPV324M Datasheet HTML 8Page - National Semiconductor (TI) LPV324M Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
LPV321 Single/ LPV358 Dual/ LPV324 Quad
General Purpose, Low Voltage, Low Power, Rail-to-Rail
Output Operational Amplifiers
General Description
The LPV321/358/324 are low power (9µA per channel at
5.0V) versions of the LMV321/358/324 op amps. This is an-
other addition to the LMV321/358/324 family of commodity
op amps.
The LPV321/358/324 are the most cost effective solutions
for the applications where low voltage, low power operation,
space
saving
and
low
price
are
needed.
The
LPV321/358/324 have rail-to-rail output swing capability and
the input common-mode voltage range includes ground.
They all exhibit excellent speed-power ratio, achieving
152 KHz of bandwidth with a supply current of only 9µA.
The LPV321 is available in space saving SC70-5, which is
approximately half the size of SOT23-5. The small package
saves space on pc boards, and enables the design of small
portable electronic devices. It also allows the designer to
place the device closer to the signal source to reduce noise
pickup and increase signal integrity.
The chips are built with National’s advanced submicron
silicon-gate BiCMOS process. The LPV321/358/324 have bi-
polar input and output stages for improved noise perfor-
mance and higher output current drive.
Features
(For V
+ = 5V and V= 0V, Typical Unless Otherwise Noted)
jGuaranteed 2.7V and 5V Performance
jNo Crossover Distortion
jSpace Saving Package
SC70-5
2.0x2.1x1.0mm
jIndustrial Temp.Range
−40˚C to +85˚C
jGain-Bandwidth Product
152KHz
jLow Supply Current
LPV321
9µA
LPV358
15µA
LPV324
28µA
jRail-to-Rail Output Swing
@ 100k
Ω Load
V
+−3.5mV
V
+90mV
jV
CM
−0.2V to V
+ −0.8V
Applications
n Active Filters
n General Purpose Low Voltage Applications
n General Purpose Portable Devices
Connection Diagrams
5-Pin
SC70-5/SOT23-5
DS100920-1
Top View
8-Pin SO/MSOP
DS100920-2
Top View
14-Pin SO/TSSOP
DS100920-3
Top View
August 1999
© 1999 National Semiconductor Corporation
DS100920
www.national.com


Similar Part No. - LPV324M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LPV324M TI1-LPV324M Datasheet
1Mb / 22P
Single/LPV358 Dual/LPV324 Quad General Purpose, Low Voltage, Low Power, Rail-to-Rail Output Operational Amplifiers
LPV324M TI1-LPV324M Datasheet
1Mb / 28P
LPV321-N Single/LPV358 Dual/LPV324 Quad General Purpose, Low Voltage, Low Power,
LPV324M TI1-LPV324M Datasheet
1Mb / 28P
LPV321-N Single/LPV358 Dual/LPV324 Quad General Purpose, Low Voltage, Low Power,
LPV324M TI1-LPV324M Datasheet
1Mb / 28P
LPV321-N Single/LPV358 Dual/LPV324 Quad General Purpose, Low Voltage, Low Power, Rail-to-Rail Output Operational Amplifiers
LPV324M TI1-LPV324M Datasheet
1Mb / 30P
Rail-to-Rail Output Operational Amplifiers
More results

Similar Description - LPV324M

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCLMV358 UTC-UTCLMV358 Datasheet
925Kb / 9P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LPV321 TI-LPV321 Datasheet
430Kb / 17P
GENERAL-PURPOSE, LOW-VOLTAGE, LOW-POWER,RAIL TO RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
LMV358 UTC-LMV358_05 Datasheet
269Kb / 12P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LPV321 TI-LPV321_07 Datasheet
685Kb / 23P
GENERAL-PURPOSE, LOW-VOLTAGE, LOW-POWER,RAIL TO RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Diodes Incorporated
LMV321 DIODES-LMV321 Datasheet
630Kb / 16P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
/LMV324 Rev. 1
LMV321 DIODES-LMV321_10 Datasheet
625Kb / 15P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
DS33196 Rev. 5 - 2
logo
Unisonic Technologies
LMV358 UTC-LMV358_09 Datasheet
459Kb / 12P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LV358 UTC-LV358 Datasheet
412Kb / 12P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LV324 UTC-LV324 Datasheet
184Kb / 6P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LPV358 TI1-LPV358 Datasheet
798Kb / 23P
GENERAL-PURPOSE, LOW-VOLTAGE, LOW-POWER, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com