Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX90365 Datasheet(PDF) 2 Page - Melexis Microelectronic Systems

Part # MLX90365
Description  Triaxis짰 Position Sensor IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90365 Datasheet(HTML) 2 Page - Melexis Microelectronic Systems

  MLX90365 Datasheet HTML 1Page - Melexis Microelectronic Systems MLX90365 Datasheet HTML 2Page - Melexis Microelectronic Systems MLX90365 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX90365 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90365 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90365 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90365 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90365 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90365 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
MLX90365
Triaxis® Position Sensor IC
MLX90365
Page 2 of 35
Datasheet
Rev. 5.7
Jan. 22, 16
1. Functional Diagram
Figure 1 - MLX90365 Block Diagram
2. Description
The MLX90365 is a monolithic sensor IC sensitive to the flux density applied orthogonally and parallel to
the IC surface.
The MLX90365 is sensitive to the three components of the flux density applied to the IC (i.e. BX, BY and
BZ). This allows the MLX90365 with the correct magnetic circuit to decode the absolute position of any
moving magnet (e.g. rotary position from 0 to 360 Degrees or linear displacement, stroke - Figure 2). It
enables the design of novel generation of non-contacting position sensors that are frequently required for
both automotive and industrial applications.
MLX90365 reports a programmable ratiometric analog output signal compatible with any resistive
potentiometer or programmable linear Hall sensor. Through programming, the MLX90365 provides also a
digital PWM (Pulse Width Modulation) output characteristic.
Figure 2 - Typical application of MLX90365 – Linear
VSS
VDD
2V5
Reg
µC
RAM
EEP
ROM
A
D
D
A
G
Rev.Pol.
&
OverVolt .
OUT
(Analog/PWM)
x 1
VZ
VX
VY
DSP
VDIG
Tria
is®



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com