Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX90316 Datasheet(PDF) 19 Page - Melexis Microelectronic Systems

Part # MLX90316
Description  Rotary Position Sensor IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90316 Datasheet(HTML) 19 Page - Melexis Microelectronic Systems

Back Button MLX90316 Datasheet HTML 15Page - Melexis Microelectronic Systems MLX90316 Datasheet HTML 16Page - Melexis Microelectronic Systems MLX90316 Datasheet HTML 17Page - Melexis Microelectronic Systems MLX90316 Datasheet HTML 18Page - Melexis Microelectronic Systems MLX90316 Datasheet HTML 19Page - Melexis Microelectronic Systems MLX90316 Datasheet HTML 20Page - Melexis Microelectronic Systems MLX90316 Datasheet HTML 21Page - Melexis Microelectronic Systems MLX90316 Datasheet HTML 22Page - Melexis Microelectronic Systems MLX90316 Datasheet HTML 23Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 45 page
background image
MLX90316
Rotary Position Sensor IC
3901090316
Page 19 of 45
Jul/13
Rev10
14.2. Output Transfer Characteristic
Parameter
Value
Unit
CLOCKWISE
0
CCW
1
CW
DP
0 … 359.9999
deg
LNR_A_X
LNR_B_X
LNR_C_X
0 … 359.9999
deg
LNR_A_Y
LNR_B_Y
LNR_C_Y
0 … 100
%
LNR_S0
LNR_A_S
LNR_B_S
0 … 17
%/deg
LNR_C_S
-17 … 0 … 17
%/deg
CLAMP_LOW
0 … 100
%
CLAMP_HIGH
0 … 100
%
DEADZONE
0 … 359.9999
deg
MLX90316 xDC – BCS only
OUT2 SLOPE RATIO
-8 … 0 … 8
-
OUT2 OFFSET
-400 … 400
%
CLAMP_LOW OUT2
0 … 100
%
CLAMP_HIGH OUT2
0 … 100
%
14.2.1. CLOCKWISE Parameter
The CLOCKWISE parameter defines the magnet rotation direction.
•
CCW is the defined by the 1-4-5-8 pin order direction for the SOIC8 package and 1-8-9-16 pin
order direction for the TSSOP16 package.
•
CW is defined by the reverse direction: 8-5-4-1 pin order direction for the SOIC8 and 16-9-8-1 pin
order direction for the TSSOP16 package.
Refer to the drawing in the IMC positioning sections (Section 20.3 and 20.6).
14.2.2. Discontinuity Point (or Zero Degree Point)
The Discontinuity Point defines the 0° point on the circle. The discontinuity point places the origin at any
location of the trigonometric circle. The DP is used as reference for all the angular measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com