Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

J405 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # J405
Description  PulseJack 2xN GIGABIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

J405 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  J405 Datasheet HTML 1Page - Pulse A Technitrol Company J405 Datasheet HTML 2Page - Pulse A Technitrol Company J405 Datasheet HTML 3Page - Pulse A Technitrol Company J405 Datasheet HTML 4Page - Pulse A Technitrol Company J405 Datasheet HTML 5Page - Pulse A Technitrol Company J405 Datasheet HTML 6Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
J405.G (09/14)
1
pulseelectronics.com
PulseJack®
2xN Gigabit
RoHS peak wave solder temperature rating 260°C
Suitable for CAT 3, 5, 6 UTP cable or better
350µH minimum OCL with 8mA bias current
High performance for maximum EMI suppression
Meets or exceeds IEEE 802.3ab standard for 1000Base-T
USA 858 674 8100
Germany 49 7032 7806 0
Singapore 65 6287 8998
Shanghai 86 21 62787060
China 86 755 33966678
Taiwan 886 3 4356768
RoHS
Compliant
Part Number
Number
of
Ports
1-125 MHz
1-40 MHz
60 MHz
100 MHz
1-10 MHz
30-60 MHz
60-100 MHz
1-10 MHz
10-150 MHz
I MIN
JC0-0131NL
2x4
-0.8
-20
-17
-14
-40
-35
-30
-50
-40
2250
JC0-0132NL
2x6
-0.8
-20
-17
-14
-40
-35
-30
-50
-40
2250
JC0-0133NL
2x8
-0.8
-20
-17
-14
-40
-35
-30
-50
-40
2250
Notes:
1. Contact Pulse for LED options.
Description:
10/100/1000 Base-T RJ45 2xN Integrated Connector with Magnetics, designed to
support such applications as: Switches, Routers, Servers and Hub.
Features and Benefits:
Common Mode
Rejection
(dB TYP)
Crosstalk
(dB TYP)
Hipot
(Vdc MIN)
Electrical Specifications @ 25°C - Operating Temperature 0°C to +70°C
Return Loss
(dB TYP)
100
Ω (± 15 Ω)
Insertion
Loss TX/RX
(dB MIN)
RJ45 Durability Testing Rating
Part Number
Mating Force
(MAX)
Unmating Force
(MAX)
Durability
JC0 Series
5 Ibs./2.268 kgs.
5 Ibs./2.268 kgs.
750 Insertions
US Patent #7241181
RJ45 Material Specification
Part
Number
Shield
Contact
Material
Finish
Material
Plating Area
Solder Area
Material
Specification
MSL
JC0 Series
Brass
10-20µ inches thick Nickel over
brass
Phosphor
Bronze
30µ inches gold over
30-80µ inches nickel
Tin matte finish
Thermoplastic UL 94 V-0
1
Housing
Notes: 1. Connector dimensions comply with FCC dimension requirements 2. MSL = Moisture Sensitivity Level rating from 1 to 5 (highest rating = 1, lowest rating = 5).
2


Similar Part No. - J405

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
J405 PULSE-J405 Datasheet
261Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
J405 PULSE-J405 Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
List of Unclassifed Man...
J405 ETC-J405 Datasheet
124Kb / 2P
Low Cost, Automated I nsertion Package
More results

Similar Description - J405

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
J3026G01DNLT PULSE-J3026G01DNLT Datasheet
1Mb / 13P
PulseJack??Surface Mount 1x1
J0B-0386NL PULSE-J0B-0386NL Datasheet
674Kb / 5P
2xN PoE Plus Gigstack
JK0-0133NL PULSE-JK0-0133NL Datasheet
258Kb / 5P
PULSEJACK Single-Port Gigabit PoE
J0C-0006NLT PULSE-J0C-0006NLT Datasheet
1Mb / 12P
PulseJack Surface Mount 1x1
J410 PULSE-J410 Datasheet
949Kb / 6P
PulseJack 1xN Tab-Up
J430 PULSE-J430 Datasheet
512Kb / 4P
PulseJack Low Profile 1x2 Gigabit Tab-Up
J432 PULSE-J432 Datasheet
466Kb / 3P
PulseJack Single-Port Gigabit PoE
J429 PULSE-J429 Datasheet
1Mb / 6P
2xN Gigabit PoE
J401 PULSE-J401 Datasheet
1Mb / 8P
2xN RJ45 Connector
J427 PULSE-J427 Datasheet
1Mb / 5P
2xN Gigabit PoE Plus
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com