Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM5369 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM5369
Description  MM5369 17 Stage Oscillator/Divider
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM5369 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  MM5369 Datasheet HTML 1Page - National Semiconductor (TI) MM5369 Datasheet HTML 2Page - National Semiconductor (TI) MM5369 Datasheet HTML 3Page - National Semiconductor (TI) MM5369 Datasheet HTML 4Page - National Semiconductor (TI) MM5369 Datasheet HTML 5Page - National Semiconductor (TI) MM5369 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF10820
February 1995
MM5369 17 Stage OscillatorDivider
General Description
The MM5369 is a CMOS integrated circuit with 17 binary
divider stages that can be used to generate a precise refer-
ence from commonly available high frequency quartz crys-
tals An internal pulse is generated by mask programming
the combinations of stages 1 through 4 16 and 17 to set or
reset the individual stages The MM5369 is advanced one
count on the positive transition of each clock pulse Two
buffered outputs are available the cyrstal frequency for tun-
ing purposes and the 17th stage output The MM5369 is
available in an 8-lead dual-in-line epoxy package
Features
Y
Crystal oscillator
Y
Two buffered outputs
Output 1 crystal frequency
Output 2 full division
Y
High speed (4 MHz at VDD e 10V)
Y
Wide supply range 3V – 15V
Y
Low power
Y
Fully static operation
Y
8-lead dual-in-line package
Y
Low Current
Option
Y
MM5369AA
358 MHz to 60 Hz
Connection and Block Diagrams
Dual-In-Line Package
TLF10820 – 1
Top View
Order Number MM5369AAN
See NS Package Number
N08E
TLF10820 – 2
FIGURE 2
TLF10820 – 8
Order Number MM5369AAM
See NS Package Number M14A
C1996 National Semiconductor Corporation
RRD-B30M66Printed in U S A


Similar Part No. - MM5369

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM5368 NSC-MM5368 Datasheet
152Kb / 3P
CMOS OSCILLATOR DIVIDER CIRCUIT
More results

Similar Description - MM5369

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC5036AP TOSHIBA-TC5036AP Datasheet
230Kb / 5P
17-Stage High Speed Frequency Divider
logo
Mitsubishi Electric Sem...
M58478P MITSUBISHI-M58478P Datasheet
160Kb / 4P
17-STATE OSCILLATOR / DIVIDER
logo
Nexperia B.V. All right...
74AHC1G4210 NEXPERIA-74AHC1G4210 Datasheet
201Kb / 11P
10-stage divider and oscillator
74AHC1G4212 NEXPERIA-74AHC1G4212 Datasheet
201Kb / 11P
12-stage divider and oscillator
74AHC1G4214 NEXPERIA-74AHC1G4214 Datasheet
191Kb / 13P
14-stage divider and oscillator
74AHC1G4208-Q100 NEXPERIA-74AHC1G4208-Q100 Datasheet
207Kb / 11P
8-stage divider and oscillator
Rev. 2 - 11 January 2022
74AHC1G4210-Q100 NEXPERIA-74AHC1G4210-Q100 Datasheet
207Kb / 11P
10-stage divider and oscillator
Rev. 3 - 11 January 2022
74AHC1G4214-Q100 NEXPERIA-74AHC1G4214-Q100 Datasheet
206Kb / 11P
14-stage divider and oscillator
Rev. 2 - 13 January 2022
74AHC1G4215-Q100 NEXPERIA-74AHC1G4215-Q100 Datasheet
207Kb / 11P
15-stage divider and oscillator
Rev. 2 - 13 January 2022
74AHC1G4208 NEXPERIA-74AHC1G4208 Datasheet
208Kb / 11P
8-stage divider and oscillator
Rev. 3 - 11 January 2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com