Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC4052 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74HC4052
Description  Dual 4-channel analog multiplexer, demultiplexer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4052 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74HC4052 Datasheet HTML 4Page - NXP Semiconductors 74HC4052 Datasheet HTML 5Page - NXP Semiconductors 74HC4052 Datasheet HTML 6Page - NXP Semiconductors 74HC4052 Datasheet HTML 7Page - NXP Semiconductors 74HC4052 Datasheet HTML 8Page - NXP Semiconductors 74HC4052 Datasheet HTML 9Page - NXP Semiconductors 74HC4052 Datasheet HTML 10Page - NXP Semiconductors 74HC4052 Datasheet HTML 11Page - NXP Semiconductors 74HC4052 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
2004 Nov 11
8
Philips Semiconductors
Product specification
Dual 4-channel analog multiplexer,
demultiplexer
74HC4052; 74HCT4052
DC CHARACTERISTICS
Family 74HC4052
Vis is the input voltage at pins nYn or nZ, whichever is assigned as an input; Vos is the output voltage at pins nZ or nYn,
whichever is assigned as an output; voltages are referenced to GND (ground = 0 V).
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
OTHER
VCC (V)
VEE (V)
Tamb = −40 °C to +85 °C; note 1
VIH
HIGH-level input
voltage
2.0
−
1.5
1.2
−
V
4.5
−
3.15
2.4
−
V
6.0
−
4.2
3.2
−
V
9.0
−
6.3
4.7
−
V
VIL
LOW-level input
voltage
2.0
−−
0.8
0.5
V
4.5
−−
2.1
1.35
V
6.0
−−
2.8
1.8
V
9.0
−−
4.3
2.7
V
ILI
input leakage current
VI =VCC or GND
6.0
0
−−±1.0
µA
10.0
0
−−±2.0
µA
IS(OFF)
analog switch
OFF-state current
VI =VIH or VIL;
VS =VCC − VEE; see Fig.9
per channel
10.0
0
−−±1.0
µA
all channels
10.0
0
−−±2.0
µA
IS(ON)
analog switch
ON-state current
VI =VIH or VIL;
VS =VCC − VEE; see Fig.10
10.0
0
−−±2.0
µA
ICC
quiescent supply
current
VI =VCC or GND;
Vis =VEE or VCC;
Vos =VCC or VEE
6.0
0
−−
80.0
µA
10.0
0
−−
160.0
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com