Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIR646DP Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIR646DP
Description  N-Channel 40 V (D-S) MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIR646DP Datasheet(HTML) 2 Page - Vishay Siliconix

  SIR646DP Datasheet HTML 1Page - Vishay Siliconix SIR646DP Datasheet HTML 2Page - Vishay Siliconix SIR646DP Datasheet HTML 3Page - Vishay Siliconix SIR646DP Datasheet HTML 4Page - Vishay Siliconix SIR646DP Datasheet HTML 5Page - Vishay Siliconix SIR646DP Datasheet HTML 6Page - Vishay Siliconix SIR646DP Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Vishay Siliconix
SiR646DP
Document Number: 62907
S13-2178-Rev. A, 14-Oct-13
www.vishay.com
2
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: pmostechsupport@vishay.com
Notes:
a. Pulse test; pulse width
 300 µs, duty cycle  2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
40
V
VDS Temperature Coefficient
V
DS/TJ
ID = 250 µA
24
mV/°C
VGS(th) Temperature Coefficient
V
GS(th)/TJ
- 4.8
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
12.2
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 40 V, VGS = 0 V
1
µA
VDS = 40 V, VGS = 0 V, TJ = 55 °C
10
On-State Drain Currenta
ID(on)
VDS 5 V, VGS = 10 V
50
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 10 V, ID = 20 A
0.0031
0.0038
VGS = 4.5 V, ID = 10 A
0.0042
0.0053
Forward Transconductancea
gfs
VDS = 10 V, ID = 20 A
71
S
Dynamicb
Input Capacitance
Ciss
VDS = 20 V, VGS = 0 V, f = 1 MHz
2230
pF
Output Capacitance
Coss
1850
Reverse Transfer Capacitance
Crss
121
Total Gate Charge
Qg
VDS = 20 V, VGS = 10 V, ID = 10 A
34
51
nC
VDS = 20 V, VGS = 4.5 V, ID = 10 A
16.8
26
Gate-Source Charge
Qgs
5.3
Gate-Drain Charge
Qgd
4.7
Output Charge
Qoss
VDS = 20 V, VGS = 0 V
46.5
70
Gate Resistance
Rg
f = 1 MHz
0.2
0.6
1.2
Turn-On Delay Time
td(on)
VDD = 20 V, RL = 2 
ID  10 A, VGEN = 10 V, Rg = 1 
10
20
ns
Rise Time
tr
11
22
Turn-Off Delay Time
td(off)
22
44
Fall Time
tf
918
Turn-On Delay Time
td(on)
VDD = 20 V, RL = 2 
ID  10 A, VGEN = 4.5 V, Rg = 1 
21
40
Rise Time
tr
66
120
Turn-Off Delay Time
td(off)
21
40
Fall Time
tf
11
22
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
49
A
Pulse Diode Forward Current (tp = 100 µs)
ISM
100
Body Diode Voltage
VSD
IS = 5 A
0.74
1.1
V
Body Diode Reverse Recovery Time
trr
IF = 10 A, dI/dt = 100 A/µs, TJ = 25 °C
49
95
ns
Body Diode Reverse Recovery Charge
Qrr
40
80
nC
Reverse Recovery Fall Time
ta
19
ns
Reverse Recovery Rise Time
tb
30



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com