Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F0805B0R75FW/STR Datasheet(PDF) 2 Page - AVX Corporation

Part # F0805B0R75FW/STR
Description  SMD Thin-Film Fuse
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

F0805B0R75FW/STR Datasheet(HTML) 2 Page - AVX Corporation

  F0805B0R75FW/STR Datasheet HTML 1Page - AVX Corporation F0805B0R75FW/STR Datasheet HTML 2Page - AVX Corporation F0805B0R75FW/STR Datasheet HTML 3Page - AVX Corporation F0805B0R75FW/STR Datasheet HTML 4Page - AVX Corporation F0805B0R75FW/STR Datasheet HTML 5Page - AVX Corporation F0805B0R75FW/STR Datasheet HTML 6Page - AVX Corporation F0805B0R75FW/STR Datasheet HTML 7Page - AVX Corporation F0805B0R75FW/STR Datasheet HTML 8Page - AVX Corporation F0805B0R75FW/STR Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
8
Accu-Guard® II
SMD Thin-Film Fuse
Test
Conditions
Requirement
Solderability
Components completely immersed in a
Terminations to be well tinned
solder bath at 235 ±5°C for 2 secs.
No visible damage
Leach Resistance
Completely immersed in a solder bath
Dissolution of termination
at 260 ±5°C for 60 secs.
≤ 25% of area
ΔR/R<10%
Storage
12 months minimum with components
Good solderability
stored in “as received” packaging.
Shear
Components mounted to a substrate.
No visible damage
A force of 5N applied normal to the
line joining the terminations and in
a line parallel to the substrate.
Rapid Change of
Components mounted to a substrate.
No visible damage
Temperature
50 cycles -55°C to +125°C.
Δ R/R<10%
Vibration
Per Mil-Std-202F
No visible damage
Method 201A and
ΔR/R<10%
Method 204D Condition D.
Bend
Tested as shown in diagram
No visible damage
ΔR/R<10%
Load Life
25°C, rated current, 20,000 hrs.
No visible damage
F0805B, F1206B
ΔR/R<10%
ENVIRONMENTAL CHARACTERISTICS
45mm
45mm
3 mm
Deflection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com