Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F1206B0R25FW/STR Datasheet(PDF) 1 Page - AVX Corporation

Part # F1206B0R25FW/STR
Description  SMD Thin-Film Fuse
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

F1206B0R25FW/STR Datasheet(HTML) 1 Page - AVX Corporation

  F1206B0R25FW/STR Datasheet HTML 1Page - AVX Corporation F1206B0R25FW/STR Datasheet HTML 2Page - AVX Corporation F1206B0R25FW/STR Datasheet HTML 3Page - AVX Corporation F1206B0R25FW/STR Datasheet HTML 4Page - AVX Corporation F1206B0R25FW/STR Datasheet HTML 5Page - AVX Corporation F1206B0R25FW/STR Datasheet HTML 6Page - AVX Corporation F1206B0R25FW/STR Datasheet HTML 7Page - AVX Corporation F1206B0R25FW/STR Datasheet HTML 8Page - AVX Corporation F1206B0R25FW/STR Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
7
Accu-Guard® II
SMD Thin-Film Fuse
Accu-Guard® II is a version of Accu-Guard® fuses for a
wider range of current and voltage ratings. Constructed on
alumina substrates, Accu-Guard® II fuses display superior
electrical, mechanical and environmental properties.
Accu-Guard® II dimensions are standard 0402, 0603,
0805, 1206 and 0612 chip sizes, see page 2.
ELECTRICAL SPECIFICATIONS
Operating temperature: -55°C to +125°C
Current carrying capacity:
For F0402E and F0603E at -55°C 107% of rating, at +25°C
100% of rating, at +125°C 80% of rating. For F0603C at
-55°C is 107% of rating, at +25°C 100% of rating, at +85°C
90% of rating, at +125°C 75% of rating.
Current
Resistance
Voltage Drop
Fusing Current
Pre-Arc
Rated
Type
Part Number
Rating
10% x I rated, 25°C
@1 x I rated, 25°C
(within 5 sec), 25°C
I
2t @ 50A
Voltage
A
Ω (max.)
mV (max.)
A
A
2-sec
V
F0402E0R25FSTR
0.25
0.650
220
0.625
0.00005*
32
F0402E0R50FSTR
0.50
0.250
180
1.25
0.0003
32
F0402E
F0402E0R75FSTR
0.75
0.200
180
1.875
0.003
32
F0402E1R00FSTR
1.00
0.130
160
2.50
0.008
32
F0402E1R50FSTR
1.50
0.060
140
3.75
0.03
32
F0402E2R00FSTR
2.00
0.040
120
5.00
0.06
32
F0603E0R25FSTR
0.25
0.650
220
0.625
0.00005*
32
F0603E0R37FSTR
0.375
0.450
220
0.940
0.0001
32
F0603E0R50FSTR
0.50
0.250
180
1.25
0.0003
32
F0603E0R75FSTR
0.75
0.200
180
1.875
0.003
32
F0603E1R00FSTR
1.00
0.130
160
2.50
0.008
32
F0603E
F0603E1R25FSTR
1.25
0.090
140
3.125
0.01
32
F0603E1R50FSTR
1.50
0.060
140
3.75
0.03
32
F0603E1R75FSTR
1.75
0.050
120
4.375
0.04
32
F0603E2R00FSTR
2.00
0.040
120
5.00
0.06
32
F0603E2R50FSTR
2.50
0.035
100
6.25
0.12
32
F0603E3R00FSTR
3.00
0.030
100
7.50
0.25
32
F0603C0R25FWTR
0.25
0.800
280
0.50
0.00003*
32
F0603C0R37FWTR
0.375
0.500
280
0.75
0.0001
32
F0603C0R50FWTR
0.50
0.320
280
1.00
0.0002
32
F0603C0R75FWTR
0.75
0.300
280
1.50
0.0015
32
F0603C1R00FWTR
1.00
0.200
240
2.00
0.004
32
F0603C
F0603C1R25FWTR
1.25
0.170
240
2.50
0.007
32
F0603C1R50FWTR
1.50
0.110
240
3.00
0.012
32
F0603C1R75FWTR
1.75
0.090
240
3.50
0.02
24
F0603C2R00FWTR
2.00
0.075
240
4.00
0.03
24
F0603C2R50FWTR
2.50
0.055
200
5.00
0.05
16
F0603C3R00FWTR
3.00
0.045
200
6.00
0.1
16
F0805B0R25FW/STR
0.25
0.750
280
0.50
0.00003*
63
F0805B0R50FW/STR
0.50
0.350
280
1.00
0.0002
63
F0805B0R75FW/STR
0.75
0.270
280
1.50
0.001
63
F0805B1R00FW/STR
1.00
0.220
280
2.00
0.003
63
F0805B
F0805B1R25FW/STR
1.25
0.170
280
2.50
0.007
63
F0805B1R50FW/STR
1.50
0.120
240
3.00
0.010
63
F0805B2R00FW/STR
2.00
0.080
220
4.00
0.030
63
F0805B2R50FW/STR
2.50
0.060
220
5.00
0.050
63
F0805B3R00FW/STR
3.00
0.050
220
6.00
0.10
63
F1206B0R25FW/STR
0.25
0.750
280
0.50
0.00003
63
F1206B0R50FW/STR
0.50
0.350
280
1.00
0.0002
63
F1206B
F1206B1R00FW/STR
1.00
0.180
240
2.00
0.003
63
F1206B1R50FW/STR
1.50
0.120
240
3.00
0.010
63
F1206B2R00FW/STR
2.00
0.080
220
4.00
0.030
63
F1206B3R00FW/STR
3.00
0.050
220
6.00
0.10
63
F0612D
F0612D4R00FWTR
4.00
0.040
260
10
0.10
32
F0612D5R00FWTR
5.00
0.025
200
12.5
0.25
32
For F1206B and F0805B at -55°C is 107% of rating, at
+25°C 100% of rating, at +85°C 93% of rating, at +125°C
90% of rating. For F0805B 2.50A and 3.00A at +85°C 90%
of rating, at +125°C 90% of rating.
Interrupting rating: 50A.
Insulation resistance: >20MΩ guaranteed (after fusing at
rated voltage).
For F0612D at -55°C 107% of rating, at +25°C 100% of
rating, at +85°C 80% of rating, at +125°C 75% of rating.
*Current is limited to less than 50A at 32V due to internal fuse resistance.


Similar Part No. - F1206B0R25FW/STR

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
F1206B0R25FWSTR AVX-F1206B0R25FWSTR Datasheet
266Kb / 17P
Accu-Guard짰 II SMD Thin-Film Fuse
F1206B0R25FWTR AVX-F1206B0R25FWTR Datasheet
285Kb / 18P
Accu-Guard SMD Thin-Film Fuse
More results

Similar Description - F1206B0R25FW/STR

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
F0402E AVX-F0402E Datasheet
285Kb / 18P
Accu-Guard SMD Thin-Film Fuse
logo
American Accurate Compo...
TCFQ05-V2-R501R0M AAC-TCFQ05-V2-R501R0M Datasheet
370Kb / 3P
THIN FILM CHIP FUSE
logo
AVX Corporation
F1206A0R20FSTR AVX-F1206A0R20FSTR Datasheet
315Kb / 23P
Accu-Guard, SMD Thin-Film Fuse
F1206A0R20FSTR AVX-F1206A0R20FSTR_11 Datasheet
195Kb / 12P
SMD Thin-Film Fuse
F1206A AVX-F1206A Datasheet
195Kb / 12P
SMD Thin-Film Fuse
F1206B3R00FSTR AVX-F1206B3R00FSTR Datasheet
195Kb / 12P
Accu-Guard SMD Thin-Film Fuse
F1206B0R25FSTR AVX-F1206B0R25FSTR Datasheet
266Kb / 17P
Accu-Guard짰 II SMD Thin-Film Fuse
logo
List of Unclassifed Man...
CH06V5TR50 ETC-CH06V5TR50 Datasheet
683Kb / 13P
Thin Film Chip Fuse
CP04V3TR50 ETC-CP04V3TR50 Datasheet
1Mb / 17P
Thin Film Chip Fuse
logo
Vishay Siliconix
MFUAT VISHAY-MFUAT Datasheet
120Kb / 8P
Thin Film Chip Fuse
30-Apr-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com