Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5170 Datasheet(PDF) 18 Page - Analog Devices

Part # AD5170
Description  256-Position Two-Time Programmable I2C Digital Potentiometer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5170 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD5170 Datasheet HTML 14Page - Analog Devices AD5170 Datasheet HTML 15Page - Analog Devices AD5170 Datasheet HTML 16Page - Analog Devices AD5170 Datasheet HTML 17Page - Analog Devices AD5170 Datasheet HTML 18Page - Analog Devices AD5170 Datasheet HTML 19Page - Analog Devices AD5170 Datasheet HTML 20Page - Analog Devices AD5170 Datasheet HTML 21Page - Analog Devices AD5170 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
AD5170
Rev. A | Page 18 of 24
I2C INTERFACE
Table 7. Write Mode
S
0
1
0
1
1 AD1 AD0 W
A
2T SD
T
0
OW X
X
X
A
D7 D6 D5 D4 D3 D2 D1 D0
A
P
Slave Address Byte
Instruction Byte
Data Byte
Table 8. Read Mode
S
0
1
0
1
1 AD1 AD0 R
A
D7 D6 D5 D4 D3 D2 D1 D0
A
E1
E0
X
X
X
X
X
X
A
P
Slave Address Byte
Instruction Byte
Data Byte
S = Start Condition.
P = Stop Condition.
A = Acknowledge.
AD0, AD1 = Package Pin Programmable Address Bits.
X = Don’t Care.
W = Write.
R = Read.
2T = Second fuse link array for two-time programming. Logic 0
corresponds to first trim. Logic 1 corresponds to second trim.
Note that blowing trim #2 before trim #1 effectively disables
trim #1 and in turn only allows one-time programming.
SD = Shutdown connects wiper to B terminal and open circuits
the A terminal. It does not change the contents of the wiper
register.
T = OTP Programming Bit. Logic 1 permanently programs the
wiper.
OW = Overwrite the fuse setting and program the digital
potentiometer to a different setting. Note that upon power-up,
the digital potentiometer presets to either midscale or fuse
setting depending on whether the fuse link has been blown.
D7, D6, D5, D4, D3, D2, D1, D0 = Data Bits.
E1, E0 = OTP Validation Bits.
0, 0 = Ready to Program.
1, 0 = Fatal Error. Some fuses not blown. Do not retry.
Discard this unit.
1, 1 = Programmed Successfully. No further adjustments are
possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com