Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5531 Datasheet(PDF) 2 Page - Analog Devices

Part # AD5531
Description  Serial Input, Voltage Output 12-/14-Bit DACs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5531 Datasheet(HTML) 2 Page - Analog Devices

  AD5531 Datasheet HTML 1Page - Analog Devices AD5531 Datasheet HTML 2Page - Analog Devices AD5531 Datasheet HTML 3Page - Analog Devices AD5531 Datasheet HTML 4Page - Analog Devices AD5531 Datasheet HTML 5Page - Analog Devices AD5531 Datasheet HTML 6Page - Analog Devices AD5531 Datasheet HTML 7Page - Analog Devices AD5531 Datasheet HTML 8Page - Analog Devices AD5531 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REV. 0
–2–
AD5530/AD5531–SPECIFICATIONS1
(VDD = +15 V
±10%; V
SS = –15 V
±10%; GND = 0 V; R
L = 5 k
Ω and
CL = 220 pF to GND. All specifications TMIN to TMAX, unless otherwise noted.)
Parameter
AD5530
AD5531
Unit
Test Conditions/Comments
ACCURACY
Resolution
12
14
Bits
Relative Accuracy
±1
±2LSB max
Differential Nonlinearity
±1
±1
LSB max
Guaranteed Monotonic Over Temperature
Zero-Scale Error
±2
±8
LSB max
Typically within
±1 LSB
Full-Scale Error
±2
±8
LSB max
Typically within
±1 LSB
Gain Error
±1
±4
LSB typ
Gain Temperature Coefficient
2
0.5
0.5
ppm FSR/
°C typ
10
10
ppm FSR/
°C max
REFERENCE INPUTS
2
Reference Input Range
0/5
0/5
V min/V max
Max Output Range
±10 V
DC Input Resistance
100
100
M
Ω typ
Input Current
±1
±1
µA max
Per Input. Typically
±20 nA.
DUTGND INPUT
2
DC Input Impedance
60
60
k
Ω typ
Max Input Current
±0.3
±0.3
mA typ
Input Range
–4/+4
–4/+4
V min/V max
Max Output Range
±10 V
O/P CHARACTERISTICS
2
Output Voltage Swing
±10
±10
V max
Short Circuit Current
15
15
mA max
Resistive Load
5
5
k
Ω min
To 0 V
Capacitive Load
1200
1200
pF max
To 0 V
DC Output Impedance
0.5
0.5
Ω max
DIGITAL I/O
VINH, Input High Voltage
2.4
2.4
V min
VINL, Input Low Voltage
0.8
0.8
V max
IINH, Input Current
±10
±10
µA max
Total for All Pins
CIN, Input Capacitance
2
10
10
pF max
3 pF Typ
SDO VOL Output Low Voltage
0.4
0.4
V max
ISINK = 1 mA
POWER REQUIREMENTS
VDD/VSS
+15/–15
+15/–15
V nom
±10% For Specified Performance
Power Supply Sensitivity
∆Full Scale/∆V
DD
110
110
dB typ
∆Full Scale/∆VSS
100
100
dB typ
IDD
2
2
mA max
Outputs Unloaded
ISS
2
2
mA max
Outputs Unloaded
IDD in Power-Down
150
150
µA max
Typically 50
µA
NOTES
1Temperature range for B Version: –40
°C to +85°C.
2Guaranteed by design, not subject to production test.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com