Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7725 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7725
Description  16-Bit 900 kSPS ADC with a Programmable Postprocessor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7725 Datasheet(HTML) 4 Page - Analog Devices

  AD7725 Datasheet HTML 1Page - Analog Devices AD7725 Datasheet HTML 2Page - Analog Devices AD7725 Datasheet HTML 3Page - Analog Devices AD7725 Datasheet HTML 4Page - Analog Devices AD7725 Datasheet HTML 5Page - Analog Devices AD7725 Datasheet HTML 6Page - Analog Devices AD7725 Datasheet HTML 7Page - Analog Devices AD7725 Datasheet HTML 8Page - Analog Devices AD7725 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
REV. A
–4–
AD7725
Preset Filter, Default Filter, and Postprocessor Characteristics1, 2
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DIGITAL FILTER RESPONSE
PRESET FIR
Data Output Rate
f
CLKIN/8
Hz
Stop-Band Attenuation
70
dB
Low-Pass Corner Frequency
f
CLKIN/16
Hz
Group Delay
3
133/(2
f
CLKIN)s
Settling Time
3
133/f
CLKIN
s
DEFAULT FILTER
Internal FIR Filter Stored in ROM
Number of Taps
106
Frequency Response
0 kHz to f
CLKIN/546.08
±0.001
dB
f
CLKIN/195.04
–3
dB
f
CLKIN/184.08
–6
dB
f
CLKIN/133.2 to fCLKIN/2
–120
dB
Group Delay
3
2141/(2
f
CLKIN)s
Settling Time
3
2141/f
CLKIN
s
Output Data Rate, f
O
f
CLKIN/32
Hz
POSTPROCESSOR CHARACTERISTICS
Input Data Rate
f
CLKIN/8
Hz
Coefficient Precision
4
24
Bits
Arithmetic Precision
30
Bits
Number of Taps Permitted
108
Decimation Factor
2
256
Number of Decimation Stages
1
5
Output Data Rate
f
CLKIN/4096
f
CLKIN/16
Hz
NOTES
1These characteristics are fixed by the design.
2f
CLKIN is the CLKIN frequency.
3See Terminology section.
4See the Configuration File Format section for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com