Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8618AR Datasheet(PDF) 13 Page - Analog Devices

Part # AD8618AR
Description  Precision 20 MHz CMOS Rail-to-Rail Input/Output Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8618AR Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8618AR Datasheet HTML 8Page - Analog Devices AD8618AR Datasheet HTML 9Page - Analog Devices AD8618AR Datasheet HTML 10Page - Analog Devices AD8618AR Datasheet HTML 11Page - Analog Devices AD8618AR Datasheet HTML 12Page - Analog Devices AD8618AR Datasheet HTML 13Page - Analog Devices AD8618AR Datasheet HTML 14Page - Analog Devices AD8618AR Datasheet HTML 15Page - Analog Devices AD8618AR Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AD8616/AD8618
Rev. A | Page 13 of 16
OVERLOAD RECOVERY TIME
Overload recovery time is the time it takes the output of the
amplifier to come out of saturation and recover to its linear
region. Overload recovery is particularly important in
applications where small signals must be amplified in the
presence of large transients. Figure 42 and Figure 43 show the
positive and negative overload recovery times of the AD8616. In
both cases, the time elapsed before the AD8616 comes out of
saturation is less than 1 µs. In addition, the symmetry between
the positive and negative recovery times allows for excellent
signal rectification without distortion to the output signal.
TIME (1
µs/DIV)
VS = ±2.5V
RL = 10kΩ
AV = 100
VIN = 50mV
–50mV
+2.5V
0V
0V
Figure 42. Positive Overload Recovery
TIME (1
µs/DIV)
VS = ±2.5V
RL = 10kΩ
AV = 100
VIN = 50mV
+50mV
–2.5V
0V
0V
Figure 43. Negative Overload Recovery
D/A CONVERSION
The AD8616 can be used at the output of high resolution DACs.
Their low offset voltage, fast slew rate, and fast settling time
make the parts suitable to buffer voltage output or current
output DACs.
Figure 44 shows an example of the AD8616 at the output of the
AD5542. The AD8616’s rail-to-rail output and low distortion
help maintain the accuracy needed in data acquisition systems
and automated test equipment.
AD5542
VOUT
UNIPOLAR
OUTPUT
AGND
DGND
REFS
1/2
AD8616
REFF
VDD
SERIAL
INTERFACE
0.1
µF
0.1
µF
10
µF
5V
2.5V
+
CS
DIN
SCLK
LDAC*
Figure 44. Buffering DAC Output
LOW NOISE APPLICATIONS
Although the AD8618 typically has less than 8 nV/√Hz of
voltage noise density at 1 kHz, it is possible to reduce it further.
A simple method is to connect the amplifiers in parallel, as
shown in Figure 45. The total noise at the output is divided by
the square root of the number of amplifiers. In this case, the
total noise is approximately 4 nV/√Hz at room temperature.
The 100 Ω resistor limits the current and provides an effective
output resistance of 50 Ω.
V–
R3
100
Ω
R1
10
Ω
V+
VIN
3
2
1
R2
1k
Ω
V–
R6
100
Ω
R4
10
Ω
V+
3
2
1
R5
1k
Ω
V–
R9
100
Ω
R7
10
Ω
V+
3
2
1
R8
1k
Ω
V–
R12
100
Ω
R10
10
Ω
V+
3
2
1
R11
1k
Ω
VOUT
Figure 45. Noise Reduction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com