Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8651ARM Datasheet(PDF) 1 Page - Analog Devices

Part # AD8651ARM
Description  50 MHz, Precision, Low Distortion, Low Noise CMOS Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8651ARM Datasheet(HTML) 1 Page - Analog Devices

  AD8651ARM Datasheet HTML 1Page - Analog Devices AD8651ARM Datasheet HTML 2Page - Analog Devices AD8651ARM Datasheet HTML 3Page - Analog Devices AD8651ARM Datasheet HTML 4Page - Analog Devices AD8651ARM Datasheet HTML 5Page - Analog Devices AD8651ARM Datasheet HTML 6Page - Analog Devices AD8651ARM Datasheet HTML 7Page - Analog Devices AD8651ARM Datasheet HTML 8Page - Analog Devices AD8651ARM Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
50 MHz, Precision, Low Distortion,
Low Noise CMOS Amplifiers
AD8651/AD8652
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
Bandwidth: 50 MHz @ 5 V
Low Noise: 4.5 nV/√Hz
Offset voltage: 100 µV typ, specified over
entire common-mode range
41 V/µs slew rate
Rail-to-rail input and output swing
Input bias current: 1 pA
Single-supply operation: 2.7 V to 5.5 V
Space-saving MSOP and SOIC packaging
APPLICATIONS
Optical communications
Laser source drivers/controllers
Broadband communications
High speed ADC and DAC
Microwave link interface
Cell phone PA control
Video line driver
Audio
PIN CONFIGURATIONS
NC
1
–IN
2
+IN
3
V–
4
NC
8
V+
7
OUT
6
NC
5
NC = NO CONNECT
AD8651
TOP VIEW
(Not to Scale)
Figure 1. 8-Lead MSOP (RM-8)
OUT A
1
–IN A
2
+IN A
3
V–
4
V+
8
OUT B
7
–IN B
6
+IN B
5
AD8652
TOP VIEW
(Not to Scale)
Figure 2. 8-Lead MSOP (RM-8)
NC
1
–IN
2
+IN
3
V–
4
NC
8
V+
7
OUT
6
NC
5
NC = NO CONNECT
AD8651
TOP VIEW
(Not to Scale)
Figure 3. 8-Lead SOIC (R-8)
OUT A
1
–IN A
2
+IN A
3
V–
4
V+
8
OUT B
7
–IN B
6
+IN B
5
AD8652
TOP VIEW
(Not to Scale)
Figure 4. 8-Lead SOIC (R-8)
GENERAL DESCRIPTION
The AD8651 is a high precision, low noise, low distortion, rail-
to-rail CMOS operational amplifier that runs from a single-
supply voltage of 2.7 V to 5 V.
The AD8651 is a rail-to-rail input and output amplifier with a
gain bandwidth of 50 MHz and a typical voltage offset of
100 µV across common mode from a 5 V supply. It also features
low noise—4.5 nV/√Hz.
The AD8651 can be used in communications applications, such
as cell phone transmission power control, fiber optic
networking, wireless networking, and video line drivers.
The AD8651 features the newest generation of DigiTrim®
in-package trimming. This new generation measures and
corrects the offset over the entire input common-mode range,
providing less distortion from VOS variation than is typical of
other rail-to-rail amplifiers. Offset voltage and CMRR are both
specified and guaranteed over the entire common-mode range
as well as over the extended industrial temperature range.
The AD8651 is offered in the 8-lead SOIC package and the
8-lead MSOP package. It is specified over the extended indus-
trial temperature range (−40°C to +125°C).


Similar Part No. - AD8651ARM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8651ARM-R2 AD-AD8651ARM-R2 Datasheet
484Kb / 20P
50 MHz, Precision, Low Distortion, Low Noise CMOS Amplifiers
Rev. C
AD8651ARM-R2 AD-AD8651ARM-R2 Datasheet
994Kb / 20P
50 MHz, Precision, Low Distortion, Low Noise CMOS Amplifiers
REV. C
AD8651ARM-R2 AD-AD8651ARM-R2 Datasheet
994Kb / 20P
50 MHz, Precision, Low Distortion, Low Noise CMOS Amplifiers
REV. C
AD8651ARM-REEL AD-AD8651ARM-REEL Datasheet
484Kb / 20P
50 MHz, Precision, Low Distortion, Low Noise CMOS Amplifiers
Rev. C
AD8651ARM-REEL AD-AD8651ARM-REEL Datasheet
994Kb / 20P
50 MHz, Precision, Low Distortion, Low Noise CMOS Amplifiers
REV. C
More results

Similar Description - AD8651ARM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP7712 NSC-LMP7712 Datasheet
1Mb / 18P
Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
logo
Analog Devices
AD8651 AD-AD8651_06 Datasheet
484Kb / 20P
50 MHz, Precision, Low Distortion, Low Noise CMOS Amplifiers
Rev. C
AD8652ARMZ AD-AD8652ARMZ Datasheet
994Kb / 20P
50 MHz, Precision, Low Distortion, Low Noise CMOS Amplifiers
REV. C
AD8651ARMZ AD-AD8651ARMZ Datasheet
994Kb / 20P
50 MHz, Precision, Low Distortion, Low Noise CMOS Amplifiers
REV. C
AD8651 AD-AD8651_15 Datasheet
467Kb / 20P
50 MHz, Precision, Low Distortion
REV. D
AD8652 AD-AD8652_15 Datasheet
467Kb / 20P
50 MHz, Precision, Low Distortion
REV. D
logo
Texas Instruments
LMP7712 TI-LMP7712_15 Datasheet
918Kb / 26P
Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
OPA2325 TI1-OPA2325_19 Datasheet
2Mb / 38P
Precision, 10-MHz, low-noise, low-power, RRIO, CMOS operational amplifiers
OPA2325_1905 TI1-OPA2325_1905 Datasheet
2Mb / 39P
Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifiers
OPA325 TI1-OPA325 Datasheet
3Mb / 42P
Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com