Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC10831 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC10831
Description  10-Bit Plus Sign Serial I/O A/D Converters with MUX, Sample/Hold and Reference
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10831 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button ADC10831 Datasheet HTML 15Page - National Semiconductor (TI) ADC10831 Datasheet HTML 16Page - National Semiconductor (TI) ADC10831 Datasheet HTML 17Page - National Semiconductor (TI) ADC10831 Datasheet HTML 18Page - National Semiconductor (TI) ADC10831 Datasheet HTML 19Page - National Semiconductor (TI) ADC10831 Datasheet HTML 20Page - National Semiconductor (TI) ADC10831 Datasheet HTML 21Page - National Semiconductor (TI) ADC10831 Datasheet HTML 22Page - National Semiconductor (TI) ADC10831 Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
Pin Descriptions
CLK
The clock applied to this input controls the suc-
cessive approximation conversion time interval
the acquisition time and the rate at which the
serial data exchange occurs The rising edge
loads the information on the DI pin into the mul-
tiplexer address shift register This address con-
trols which channel of the analog input multi-
plexer (MUX) is selected The falling edge shifts
the data resulting from the AD conversion out
on DO CS enables or disables the above func-
tions The clock frequency applied to this input
can be between 5 kHz and 3 MHz
DI
This is the serial data input pin The data applied
to this pln is shifted by CLK into the multiplexer
address register Tables I through III show the
multiplexer address assignment
DO
The data output pin The AD conversion result
(DB0-SIGN) are clocked out by the falling edge
of CLK on this pin
CS
This is the chip select input pin When a logic
low is applied to this pin the rising edge of CLK
shifts the data on DI into the address register
This low also brings DO out of TRI-STATE after
a conversion has been completed
PD
This is the power down input pin When a logic
high is applied to this pin the AD is powered
down When a low is applied the AD is pow-
ered up
SARS
This is the successive approximation register
status output pin When CS is high this pin is in
TRI-STATE With CS low this pin is active high
when a conversion is in progress and active low
at all other times
CH0 – CH7 These are the analog inputs of the MUX A
channel input is selected by the address infor-
mation at the DI pin which is loaded on the ris-
ing edge of CLK into the address register (see
Tables I – III)
The voltage applied to these inputs should not
exceed AVa or go below Vb by more than
50 mV Exceeding this range on an unselected
channel will corrupt the reading of a selected
channel
COM
This pin is another analog input When the ana-
log multiplexer is single ended this input serves
as the zero reference level for inputs CH0 – CH7
(see Tables I-III) COM can serve as a ‘‘pseudo
ground’’ that has an input voltage range of AVa
a
50 mV to Vb b 50 mV In most cases COM
will be grounded When the MUX is set in the
differential pairs mode COM is not used and
may be grounded
VREFa
This is the positive analog voltage reference in-
put In order to malntaln accuracy the voltage
range VREF (VREF e VREFa –VREFb)is
05 VDC to 50 VDC and the voltage at VREFa
cannot exceed AVa a50 mV
VREFb
The negative voltage reference input In order to
maintain accuracy the voltage at this pin must
not go below GND b 50 mV or exceed AVa
a
50 mV VREFb must always be less than
VREFa
AVa
DVa
These are the analog and digital positive power
supply pins These pins should be tied to the
same power supply and bypassed separately
The operating voltage range of AVa and DVa
is 45 VDC to 55 VDC
Vb
This is the negative analog supply pin The oper-
ating voltage range of Vb is b45V to b55V
This supply pin needs to be bypassed with
01 mF ceramic and 10 mF tantalum capacitors
to the system analog ground
DGND
This is the digital ground pin
AGND
This is the analog ground pin
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com