| Electronic Components Datasheet Search |
|
MM5452 Datasheet(PDF) 6 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
MM5452 Datasheet(HTML) 6 Page - National Semiconductor (TI) |
|
6 / 8 page ![]() Functional Description (Continued) TLF6137 – 7 The minimum recommended value for R for the oscillator input is 9 kX An RC time constant of approximately 491 c 10b4 should produce a backplane frequency between 30 Hz and 150 Hz FIGURE 6 Parallel Backplane Outputs TLF6137 – 8 FIGURE 7 External Backplane Clock Figure 8 shows a four wire remote display that takes advan- tage of the device’s serial input to move many bits of display information on a few wires USING AN EXTERNAL CLOCK The MM5452MM5453 LCD Drivers can be used with an externally supplied clock provided it has a duty cycle of 50% Deviations from a 50% duty cycle result in an offset voltage on the LCD In Figure 7 a flip-flop is used to assure a 50% duty cycle The oscillator input is grounded to pre- vent oscillation and reduce current consumptions in the chips The oscillator is not used Using an external clock allows synchronizing the display drive with AC power internal clocks or DVM integration time to reduce interference from the display Figure 9 is a general block diagram that shows how the device’s serial input can be used to advantage in an analog display The analog voltage input is compared with a stair- case voltage generated by a counter and a digital-to-analog converter or resistor array The result of this comparison is clocked into the MM5452 MM5453 The next clock pulse increments the staircase and clocks the new data in With a buffer amplifier the same staircase waveform can be used for many displays The digital-to-analog converter need not be linear logarithmic or other non-linear functions can be displayed by using weighted resistors or special DACs This system can be used for status indicators spec- trum analyzers audio level and power meters tuning indica- tors and other applications 6 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |