Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVAL-ADE7754EB Datasheet(PDF) 28 Page - Analog Devices

Part # EVAL-ADE7754EB
Description  Poly-phase Multi-Function Energy Metering IC with Serial Port
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE7754EB Datasheet(HTML) 28 Page - Analog Devices

Back Button EVAL-ADE7754EB Datasheet HTML 24Page - Analog Devices EVAL-ADE7754EB Datasheet HTML 25Page - Analog Devices EVAL-ADE7754EB Datasheet HTML 26Page - Analog Devices EVAL-ADE7754EB Datasheet HTML 27Page - Analog Devices EVAL-ADE7754EB Datasheet HTML 28Page - Analog Devices EVAL-ADE7754EB Datasheet HTML 29Page - Analog Devices EVAL-ADE7754EB Datasheet HTML 30Page - Analog Devices EVAL-ADE7754EB Datasheet HTML 31Page - Analog Devices EVAL-ADE7754EB Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
REV. PrG 01/03
PRELIMINARY TECHNICAL DATA
ADE7754
– 28 –
The total apparent power calculated by the ADE7754 de-
pends on the configuration of the VAMOD bits in the
VAMode register. Each term of the formula can be disabled
or enabled by the setting VASEL bits respectively to logic 0
or logic 1 in the VAMode register. The different configura-
tions are described in Table IV.
VA-
VASEL0
VASEL1
VASEL2
MOD
0d
VArms x IArms
+ VBrms x IBrms
+ VCrms x ICrms
1d
VArmsxIArms
+(VArms+VCrms)/2xIBrms+ VCrms x ICrms
2d
VArms x IArms
+ VArms x IBrms
+ VCrms x ICrms
Table IV -Total Apparent Power calculation
Note: VArms, VBrms, VCrms, IArms, IBrms and ICrms represent
respectively the voltage and current channels RMS values of
the corresponding registers.
For example, for VAMOD = 1, the exact formula that is used
to process the Apparent Power is:
Total Apparent Power
V
I
AVAG
VV
Arms
Arms
Arms
Crms
=⋅
⋅ +


+
+
1
2
12
(()
⋅⋅ +


+⋅
⋅ +


2
1
2
1
2
12
12
I
BVAG
VI
CVAG
Brms
Crms
Crms
Depending on the polyphase meter configuration, the appro-
priate formula should be chosen to calculate the Apparent
Energy. The American ANSI C12.10 standard defines the
different configurations of the meter. Table V describes
which mode should be chosen in these different configura-
tions.
ANSI Meter Form
VAMOD
VASEL
5S/13S
3-wire Delta
0
3 or 5 or 6
6S/14S
4-wire Wye
1
7
8S/15S
4-wire Delta
2
7
9S/16S
4-wire Wye
0
7
Table V - Meter form configuration
Different gain calibration parameters are offered in the
ADE7754 to cover the calibration of the meter in different
configurations. These registers, APGAIN, VGAIN and
VAGAIN, have different purposes in the signal processing of
the ADE7754.
APGAIN registers affect the Apparent power calculation but
should be used only for Active Power calibration. VAGAIN
registers are used to calibrate the Apparent Power calcula-
tion.
VGAIN registers have the same effect as VAGAIN registers
when VAMOD=0 or 2. They
should be left at their default
value in these modes. VGAIN registers should be used to
compensate
gain
mismatches
between
channels
in
VAMOD=1.
As mentioned before, the offset compensation of the Phase
Apparent Power calculation is done in each individual RMS
measurement signal processing -see Apparent Power Offset com-
pensation.
APPARENT ENERGY CALCULATION
The Apparent Energy is given as the integral of the Apparent
Power.
Apparent Energy
Apparent Power t dt
=
()
(21)
The ADE7754 achieves the integration of the Apparent
Power signal by continuously accumulating the Apparent
Power signal in an internal non-readable 49-bit register. The
Apparent Energy register (VAENERGY[23:0]) represents
the upper 24 bits of this internal register. This discrete time
accumulation or summation is equivalent to integration in
continuous time. Equation 22 below expresses the relation-
ship
Apparent Energy
Lim
Apparent Power nT
T
T
n
=
0
0
()
(22)
Where n is the discrete time sample number and T is the
sample period.
The discrete time sample period (T) for the accumulation
register in the ADE7754 is 1.2µs (12/10MHz).
Figure 35 shows a graphical representation of this discrete
time integration or accumulation. The Apparent Power
signal is continuously added to the internal register. This
addition is a signed addition even if the Apparent Energy
remains theoretically always positive.
48
0
+
+
Σ
TOTAL APPARENT POWER
00000h
D1B71h
time (nT)
T
TOTAL APPARENT POWER ARE
ACCUMULATED (INTEGRATED) IN
THE APPARENT ENERGY REGISTER
Apparent Power
Signal - P
T
48
0
VAENERGY[23:0]
VADIV
23
0
Figure 35-ADE7754 Apparent Energy calculation
The upper 49-bit of the internal register are divided by
VADIV. If the value in the VADIV register is equal to 0 then
the internal active Energy register is divided by 1. VADIV is
an 8-bit unsigned register. The upper 24-bit are then written
in the 24-bit Apparent Energy register (VAENERGY[23:0]).
RVAENERGY register (24 bits long) is provided to read the
Apparent Energy. This register is reset to zero after a read
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com