Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29LV065D Datasheet(PDF) 12 Page - Advanced Micro Devices

Part # AM29LV065D
Description  64 Megabit (8 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileIOTM Control
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV065D Datasheet(HTML) 12 Page - Advanced Micro Devices

Back Button AM29LV065D Datasheet HTML 8Page - Advanced Micro Devices AM29LV065D Datasheet HTML 9Page - Advanced Micro Devices AM29LV065D Datasheet HTML 10Page - Advanced Micro Devices AM29LV065D Datasheet HTML 11Page - Advanced Micro Devices AM29LV065D Datasheet HTML 12Page - Advanced Micro Devices AM29LV065D Datasheet HTML 13Page - Advanced Micro Devices AM29LV065D Datasheet HTML 14Page - Advanced Micro Devices AM29LV065D Datasheet HTML 15Page - Advanced Micro Devices AM29LV065D Datasheet HTML 16Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
January 10, 2002
Am29LV065D
11
If RESET# is asserted during a program or erase op-
eration, the RY/BY# pin remains a “0” (busy) until the
internal reset operation is complete, which requires a
time of t
READY (during Embedded Algorithms). The
system can t hus monit or RY/ BY# t o determine
whether the reset operation is complete. If RESET# is
asserted when a program or erase operation is not ex-
ecuting (RY/BY# pin is “1”), the reset operation is com-
pleted within a time of t
READY (not during Embedded
Algorithms). The system can read data t
RH after the
RESET# pin returns to V
IH.
Refer to the AC Characteristics tables for RESET# pa-
rameters and to Figure 14 for the timing diagram.
Output Disable Mode
When the OE# input is at V
IH, output from the device is
disabled. The output pins are placed in the high
impedance state.
Table 2.
Sector Address Table
Sector
A22
A21
A20
A19
A18
A17
A16
8-bit Address Range
(in hexadecimal)
SA0
0
0
0
0
0
0
0
000000–00FFFF
SA1
0
0
0
0
0
0
1
010000–01FFFF
SA2
0
0
0
0
0
1
0
020000–02FFFF
SA3
0
0
0
0
0
1
1
030000–03FFFF
SA4
0
0
0
0
1
0
0
040000–04FFFF
SA5
0
0
0
0
1
0
1
050000–05FFFF
SA6
0
0
0
0
1
1
0
060000–06FFFF
SA7
0
0
0
0
1
1
1
070000–07FFFF
SA8
0
0
0
1
0
0
0
080000–08FFFF
SA9
0
0
0
1
0
0
1
090000–09FFFF
SA10
0
0
0
1
0
1
0
0A0000–0AFFFF
SA11
000
10
11
0B0000–0BFFFF
SA12
0
0
0
1
1
0
0
0C0000–0CFFFF
SA13
0
0
0
1
1
0
1
0D0000–0DFFFF
SA14
0
0
0
1
1
1
0
0E0000–0EFFFF
SA15
000
11
11
0F0000–0FFFFF
SA16
0
0
1
0
0
0
0
100000–10FFFF
SA17
001
00
01
110000–11FFFF
SA18
0
0
1
0
0
1
0
120000–12FFFF
SA19
0
0
1
0
0
1
1
130000–13FFFF
SA20
0
0
1
0
1
0
0
140000–14FFFF
SA21
0
0
1
0
1
0
1
150000–15FFFF
SA22
0
0
1
0
1
1
0
160000–16FFFF
SA23
0
0
1
0
1
1
1
170000–17FFFF
SA24
0
0
1
1
0
0
0
180000–18FFFF
SA25
0
0
1
1
0
0
1
190000–19FFFF
SA26
0
0
1
1
0
1
0
1A0000–1AFFFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com